Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C02A-10PI-2.7 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C02A-10PI-2.7
Description  2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A-10PI-2.7 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C02A-10PI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24C02A-10PI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Features
Write Protect Pin for Hardware Data Protection
– Utilizes Different Array Protection Compared to the AT24C02/04/08
Low Voltage and Standard Voltage Operation
– 5.0 (V
CC = 4.5V to 5.5V)
– 2.7 (V
CC = 2.7V to 5.5V)
– 2.5 (V
CC = 2.5V to 5.5V)
– 1.8 (V
CC = 1.8V to 5.5V)
Internally Organized 256 x 8 (2K), 512 x 8 (4K) or 1024 x 8 (8K)
2-Wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Supperssion
Bidirectional Data Transfer Protocol
100 kHz (1.8V, 2.5V, 2.7V) and 400 kHz (5V) Compatibility
8-Byte Page (2K), 16-Byte Page (4K, 8K) Write Modes
Partial Page Writes Are Allowed
Self-Timed Write Cycle (10 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
– ESD Protection: >3000V
Automotive Grade and Extended Temperature Devices Available
8-Pin and 14-Pin JEDEC SOIC, 8-Pin PDIP, and 8-Pin TSSOP Packages
Description
The AT24C02A/04A/08A provides 2048/4096/8192 bits of serial electrically erasable
and programmable read only memory (EEPROM) organized as 256/512/1024 words
of 8 bits each. The device is optimized for use in many industrial and commercial
applications where low power and low voltage operation are essential. The
AT24C02A/04A/08A is available in space saving 8-pin PDIP, 8-pin, 14-pin SOIC, and
8-pin TSSOP packages and is accessed via a 2-wire serial interface. In addition, the
entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to 5.5V), 2.5V (2.5V to
5.5V) and 1.8V (1.8V to 5.5V) versions.
2-Wire Serial
EEPROM
2K (256 x 8)
4K (512 x 8)
8K (1024 x 8)
AT24C02A
AT24C04A
AT24C08A
Rev. 0976B–07/98
Pin Configurations
Pin Name
Function
A
0 to A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No Connect
14-Pin SOIC
8-Pin PDIP
8-Pin SOIC
AT24C02A/04A/
08A
8-Pin TSSOP


Similar Part No. - AT24C02A-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A-10PI-2.7 ATMEL-AT24C02A-10PI-2.7 Datasheet
194Kb / 21P
   Write Protect Pin for Hardware Data Protection
More results

Similar Description - AT24C02A-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com