Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXR9745RT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MXR9745RT1
Description  31.5 dBm, 850 MHz HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MXR9745RT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MXR9745RT1 Datasheet HTML 1Page - Motorola, Inc MXR9745RT1 Datasheet HTML 2Page - Motorola, Inc MXR9745RT1 Datasheet HTML 3Page - Motorola, Inc MXR9745RT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MXR9745T1 MXR9745RT1
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 345–03
ISSUE H
(SOT–89)
–A–
–B–
P
K
E
F
D
G
L
2 PL
S
B
M
0.10 (0.004)
A S
T
S
B
M
0.10 (0.004)
A S
T
12
3
SEATING
PLANE
C
J
N
–T–
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.40
4.60
0.174
0.181
B
2.29
2.60
0.091
0.102
C
1.40
1.60
0.056
0.062
D
0.36
0.48
0.015
0.018
E
1.62
1.80
0.064
0.070
F
0.44
0.55
0.018
0.021
G
1.50 BSC
0.059 BSC
J
0.35
0.44
0.014
0.017
K
0.89
1.20
0.035
0.047
L
3.00 BSC
0.118 BSC
N
2.14
2.28
0.084
0.089
P
3.94
4.25
0.156
0.167
STYLE 8:
PIN 1. GATE
2. SOURCE
3. DRAIN
(MXR9745RT1)
STYLE 9:
PIN 1. DRAIN
2. SOURCE
3. GATE
(MXR9745T1)


Similar Part No. - MXR9745RT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXR9150G ETC2-MXR9150G Datasheet
185Kb / 8P
   The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
MXR9150GZ ETC2-MXR9150GZ Datasheet
185Kb / 8P
   The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
MXR9150MZ ETC2-MXR9150MZ Datasheet
185Kb / 8P
   The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
MXR9500M ETC1-MXR9500M Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
More results

Similar Description - MXR9745RT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
   HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1_06 Datasheet
138Kb / 4P
   800-900 MHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1_06 Datasheet
470Kb / 4P
   800-900 MHz 34 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_06 Datasheet
414Kb / 2P
   800-900 MHz 36 dBm Power GaAs FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
logo
Mimix Broadband
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
   800 to 900 MHz 34 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
412Kb / 3P
   800 to 900 MHz 36 dBm Power GaAs FET
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
   800 to 900 MHz 30 dBm Power GaAs FET
logo
Tyco Electronics
PH0814-40 MACOM-PH0814-40 Datasheet
96Kb / 1P
   Linear Power Transistor, 40W 850 - 1450 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com