Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C2048-70JC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT27C2048-70JC
Description  2-Megabit 128K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C2048-70JC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT27C2048-70JC Datasheet HTML 1Page - ATMEL Corporation AT27C2048-70JC Datasheet HTML 2Page - ATMEL Corporation AT27C2048-70JC Datasheet HTML 3Page - ATMEL Corporation AT27C2048-70JC Datasheet HTML 4Page - ATMEL Corporation AT27C2048-70JC Datasheet HTML 5Page - ATMEL Corporation AT27C2048-70JC Datasheet HTML 6Page - ATMEL Corporation AT27C2048-70JC Datasheet HTML 7Page - ATMEL Corporation AT27C2048-70JC Datasheet HTML 8Page - ATMEL Corporation AT27C2048-70JC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AT27C2048
5
AC Waveforms for Read Operation(1)
Notes:
1.
Timing measurement references are 0.8V and 2.0V. Input AC drive levels are 0.45V and 2.4V, unless otherwise specified.
2.
OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE.
3.
OE may be delayed up to tACC - tOE after the address is valid without impact on tACC.
4.
This parameter is only sampled and is not 100% tested.
5.
Output float is defined as the point when data is no longer driven.
Input Test Waveforms and Measurement Levels
For -55 devices only:
tR, tF < 5 ns (10% to 90%)
For -70, -90, -12 and -15
devices:
tR, tF < 20 ns (10% to 90%)
Pin Capacitance
(f = 1 MHz T = 25°C)(1)
Note:
Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
Typ
Max
Units
Conditions
CIN
410
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Output Test Load
Note:
CL = 100 pF including jig
capacitance, except for the -55
devices, where CL = 30 pF.


Similar Part No. - AT27C2048-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048-55JI ATMEL-AT27C2048-55JI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55JU ATMEL-AT27C2048-55JU Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55PI ATMEL-AT27C2048-55PI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55PU ATMEL-AT27C2048-55PU Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C2048-55VI ATMEL-AT27C2048-55VI Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
More results

Similar Description - AT27C2048-70JC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com