Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233824 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC233824
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233824 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC233824 Datasheet HTML 1Page - Vishay Siliconix BFC233824 Datasheet HTML 2Page - Vishay Siliconix BFC233824 Datasheet HTML 3Page - Vishay Siliconix BFC233824 Datasheet HTML 4Page - Vishay Siliconix BFC233824 Datasheet HTML 5Page - Vishay Siliconix BFC233824 Datasheet HTML 6Page - Vishay Siliconix BFC233824 Datasheet HTML 7Page - Vishay Siliconix BFC233824 Datasheet HTML 8Page - Vishay Siliconix BFC233824 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MKP338 2 X2
www.vishay.com
Vishay BCcomponents
Revision: 04-Jul-13
2
Document Number: 28119
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Notes
(1) Taped on reel and taped on ammo pitch = 27.5 mm is not available
• For detailed tape specifications refer to packaging information: www.vishay.com/doc?28139
Note
(1) See “Voltage Proof Test for Metalized Film Capacitors”: www.vishay.com/doc?28169
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Rated AC voltage (URAC)
310 V
Permisssible DC voltage (URDC)
630 V
Tangent of loss angle:
at 1 kHz
at 10 kHz
C
470 nF
10 x 10-4
20 x 10-4
470 nF < C
1 μF
20 x 10-4
70 x 10-4
C > 1 μF
30 x 10-4
-
Rated voltage pulse slope (dU/dt)R at 435 VDC
Pitch = 7.5 mm
600 V/μs
Pitch = 10 mm
600 V/μs
Pitch = 15 mm and 7.5 mm (bent back)
400 V/μs
Pitch = 22.5 mm
150 V/μs
Pitch = 27.5 mm
100 V/μs
R between leads, for C
 0.33 μF at 100 V; 1 min
> 15 000 M
RC between leads, for C > 0.33 μF at 100 V; 1 min
> 5000 s
R between leads and case; 100 V; 1 min
> 30 000 M
Withstanding (DC) voltage (cut off current 10 mA) (1); rise time
 1000 V/s:
C
 1 μF
2200 V; 1 min
C > 1 μF
1800 V; 1 min
Withstanding (AC) voltage between leads and case
2120 V; 1 min
Max. application temperature for 0.001 μF
 C  0.47 μF
110 °C (125 °C for less than 1000 h)
Max. application temperature for C > 0.47 μF
110 °C
S
E
P
Y
T
D
E
R
R
E
F
E
R
P
.
L
O
T
-
C
STANDARD DIMENSIONS
PACKAGING
E
P
Y
T
E
P
Y
T
MKP338 2 X2
MKP338 2 X2
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm; pitch
≤ 10.0 mm
± 20 %
BFC2 338 20
0
2
8
3
3
2
C
F
B
2
2
8
3
3
2
C
F
B
4
2
8
3
3
2
C
F
B
Taped ammo (1)
Pitch
≤ 15.0 mm; H = 18.5 mm; P
0 = 12.7 mm
± 20 %
± 10 %
± 5 %
PACKAGING
PREFERRED TYPES
C-TOL.
Packaging like 20 % and alternative pitch sizes
± 5 %
± 10 %
± 20 %
See tables for details
Loose in box
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
CAPACITANCE
(numerically)
Example:
104 = 10 x 10 = 100 nF
TYPE AND PITCHES
338 2
X2
7.5 mm
10.0 mm
15.0 mm
22.5 mm
27.5 mm
BFC2
338
2X
XX
X
2222(*)
338
2X
XX
X
(*) Old ordering code
Lead length 3.5 mm ± 0.3 mm; pitch
≥ 15.0 mm
Lead length 25.0 mm ± 2 mm
Lead length 5.0 mm ± 1 mm
Taped reel (1)
See tables for details
Pitch 22.5 mm; H = 18.5 mm; P0 = 12.7 mm
ALTERNATIVE PITCH SIZES AND TOLERANCES


Similar Part No. - BFC233824

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233824102 VISHAY-BFC233824102 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233824103 VISHAY-BFC233824103 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233824104 VISHAY-BFC233824104 Datasheet
115Kb / 5P
   High Frequency (up to 20 GHz) Resistor, Thin Film Surface Mount Chip
Revision: 26-Jun-12
BFC233824122 VISHAY-BFC233824122 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233824123 VISHAY-BFC233824123 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Similar Description - BFC233824

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com