Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C516 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C516
Description  512K 32K x 16 OTP CMOS EPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C516 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C516 Datasheet HTML 1Page - ATMEL Corporation AT27C516 Datasheet HTML 2Page - ATMEL Corporation AT27C516 Datasheet HTML 3Page - ATMEL Corporation AT27C516 Datasheet HTML 4Page - ATMEL Corporation AT27C516 Datasheet HTML 5Page - ATMEL Corporation AT27C516 Datasheet HTML 6Page - ATMEL Corporation AT27C516 Datasheet HTML 7Page - ATMEL Corporation AT27C516 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The AT27C516 is a low-power, high performance 524,288 bit one-time programma-
ble read only memory (OTP EPROM) organized 32K by 16 bits. It requires only one
5V power supply in normal read mode operation. Any word can be accessed in less
than 45 ns, eliminating the need for speed reducing WAIT states. The by-16 organi-
zation make this part ideal for high-performance 16 and 32 bit microprocessor sys-
tems.
(continued)
AT27C516
Pin Configurations
Pin Name
Function
A0 - A14
Addresses
O0 - O15
Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Strobe
NC
No Connect
Note: Both GND pins must
be connected.
512K (32K x 16)
OTP CMOS
EPROM
Note: PLCC Package Pins 1
and 23 are DON’T CONNECT.
PLCC Top View
Features
Fast Read Access Time - 45 ns
Low Power CMOS Operation
100
µA max. Standby
30 mA max. Active at 5 MHz
JEDEC Standard Packages
44-Lead PLCC
40-Lead TSOP (10mm x 14mm)
5V ± 10% Power Supply
High Reliability CMOS Technology
2000V ESD Protection
200 mA Latchup Immunity
RapidProgramming Algorithm - 50 µs/word (typical)
CMOS and TTL Compatible Inputs and Outputs
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
TSOP Top View
Type 1
0362C
AT27C516
3-145


Similar Part No. - AT27C516

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516 ATMEL-AT27C516 Datasheet
354Kb / 13P
   Low Power CMOS Operation
AT27C516-45JI ATMEL-AT27C516-45JI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-45JU ATMEL-AT27C516-45JU Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C516-45VI ATMEL-AT27C516-45VI Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
More results

Similar Description - AT27C516

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
   512K (32K x 16) OTP EPROM
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
   512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
   CMOS 512K 8-Bit OTP EPROM
logo
ATMEL Corporation
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
   4Mb (512K x 8) OTP, EPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com