Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C4096-55PC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT27C4096-55PC
Description  4-Megabit 256K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C4096-55PC Datasheet(HTML) 7 Page - ATMEL Corporation

  AT27C4096-55PC Datasheet HTML 1Page - ATMEL Corporation AT27C4096-55PC Datasheet HTML 2Page - ATMEL Corporation AT27C4096-55PC Datasheet HTML 3Page - ATMEL Corporation AT27C4096-55PC Datasheet HTML 4Page - ATMEL Corporation AT27C4096-55PC Datasheet HTML 5Page - ATMEL Corporation AT27C4096-55PC Datasheet HTML 6Page - ATMEL Corporation AT27C4096-55PC Datasheet HTML 7Page - ATMEL Corporation AT27C4096-55PC Datasheet HTML 8Page - ATMEL Corporation AT27C4096-55PC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AT27C4096
7
AC Programming Characteristics
TA = 25 ± 5°C, VCC = 6.5 ± 0.25V, VPP = 13.0 ± 0.25V
Notes:
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven
—see timing diagram.
3. Program Pulse width tolerance is 50
µsec ± 5%.
Symbol
Parameter
Test Conditions(1)
Limits
Units
Min
Max
tAS
Address Setup Time
Input Rise and Fall Times
(10% to 90%) 20ns
Input Pulse Levels
0.45V to 2.4V
Input Timing Reference Level
0.8V to 2.0V
Output Timing Reference Level
0.8V to 2.0V
2
µs
tOES
OE Setup Time
2
µs
tDS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tDH
Data Hold Time
2
µs
tDFP
OE High to Output Float Delay(2)
0
130
ns
tVPS
VPP Setup Time
2
µs
tVCS
VCC Setup Time
2
µs
tPW
CE Program Pulse Width(3)
47.5
52.5
µs
tOE
Data Valid from OE
150
ns
tPRT
VPP Pulse Rise Time During
Programming
50
ns
Atmel’s 27C4096 Intergrated Product Identification Code
Codes
Pins
Hex Data
A0
015-08
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
0
0
0001
1110
001E
Device Type
1
0
1111
0100
00F4


Similar Part No. - AT27C4096-55PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096-55PI ATMEL-AT27C4096-55PI Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
More results

Similar Description - AT27C4096-55PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
   4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
   2-megabit (256K x 8) OTP EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
   2-Megabit 256K x 8 OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com