Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C1024-45PI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT27C1024-45PI
Description  1-Megabit 64K x 16 OTP EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024-45PI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT27C1024-45PI Datasheet HTML 1Page - ATMEL Corporation AT27C1024-45PI Datasheet HTML 2Page - ATMEL Corporation AT27C1024-45PI Datasheet HTML 3Page - ATMEL Corporation AT27C1024-45PI Datasheet HTML 4Page - ATMEL Corporation AT27C1024-45PI Datasheet HTML 5Page - ATMEL Corporation AT27C1024-45PI Datasheet HTML 6Page - ATMEL Corporation AT27C1024-45PI Datasheet HTML 7Page - ATMEL Corporation AT27C1024-45PI Datasheet HTML 8Page - ATMEL Corporation AT27C1024-45PI Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AT27C1024
3
Block Diagram
Absolute Maximum Ratings*
Temperature Under Bias ...................... -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions beyond those indicated in the operational sec-
tions of this specification is not implied. Exposure to
absolute maximum rating conditions for extended
periods may affect device reliability.
Note:
Minimum voltage is -0.6V DC which may undershoot to
-2.0V for pulses of less than 20 ns. Maximum output pin
voltage is VCC + 0.75V DC which may overshoot to +7.0V
for pulses of less than 20 ns.
Storage Temperature............................ -65
°C to +150°C
Voltage on Any Pin with
Respect to Ground ..............................-2.0V to +7.0V (1)
Voltage on A9 with
Respect to Ground ...........................-2.0V to +14.0V (1)
VPP Supply Voltage with
Respect to Ground ............................-2.0V to +14.0V (1)
Operating Modes
Notes:
1. X can be VIL or VIH.
2. Refer to Programming Characteristics.
3. VH = 12.0 ± 0.5V.
4. Two identifier words may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled
low (VIL) to select the Manufacturer’s Identification word and high (VIH) to select the Device Code word.
5. Standby VCC current (ISB) is specified with VPP = VCC. VCC > VPP will cause a slight increase in ISB.
Mode/Pin
CE
OE
PGM
Ai
VPP
Outputs
Read
VIL
VIL
X(1)
Ai
X
DOUT
Output Disable
X
VIH
XX
X
High Z
Standby
VIH
XX
X
X(5)
High Z
Rapid Program(2)
VIL
VIH
VIL
Ai
VPP
DIN
PGM Verify
VIL
VIL
VIH
Ai
VPP
DOUT
PGM Inhibit
VIH
XX
X
VPP
High Z
Product Identification(4)
VIL
VIL
X
A9 = VH
(3)
A0 = VIH or VIL
A1 - A15 = VIL
VCC
Identification Code


Similar Part No. - AT27C1024-45PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024-45PI ATMEL-AT27C1024-45PI Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
More results

Similar Description - AT27C1024-45PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
AT27BV1024 ATMEL-AT27BV1024_07 Datasheet
367Kb / 14P
   1-Megabit (64K x 16) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
254Kb / 9P
   4-Megabit 256K x 16 OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
   4-Megabit (256K x 16) OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
   2-Megabit 128K x 16 OTP EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27C2048 ATMEL-AT27C2048_07 Datasheet
356Kb / 14P
   2-Megabit (128K x 16) OTP EPROM AT27C2048
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com