Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3H4J00000F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC3H4J00000F
Description  Mini-flat Half Pitch Package, AC Input Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H4J00000F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC3H4J00000F Datasheet HTML 2Page - Sharp Corporation PC3H4J00000F Datasheet HTML 3Page - Sharp Corporation PC3H4J00000F Datasheet HTML 4Page - Sharp Corporation PC3H4J00000F Datasheet HTML 5Page - Sharp Corporation PC3H4J00000F Datasheet HTML 6Page - Sharp Corporation PC3H4J00000F Datasheet HTML 7Page - Sharp Corporation PC3H4J00000F Datasheet HTML 8Page - Sharp Corporation PC3H4J00000F Datasheet HTML 9Page - Sharp Corporation PC3H4J00000F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Sheet No.: D2-A01502EN
0
50
100
150
200
250
170
−30
0
25
50
75
100
125
Ambient temperature Ta (˚C)
Fig.4 Total Power Dissipation vs. Ambient
Temperature
0
10
20
30
40
50
−30
0
25
75
100
125
55
50
Ambient temperature Ta (˚C)
Fig.1 Forward Current vs. Ambient
Temperature
0
20
40
60
70
80
100
−30
0
25
75
100
125
55
50
Ambient temperature Ta (˚C)
Fig.2 Diode Power Dissipation vs. Ambient
Temperature
0
200
150
100
50
−30
0
25
50
75
100
125
Ambient temperature Ta (˚C)
Fig.3 Collector Power Dissipation vs.
Ambient Temperature
6
Forward voltage VF (V)
75
˚C
25
˚C
0
˚C
0
0.5
1
1.5
2
1
0.1
10
100
−30˚C
100
˚C
Ta
=50˚C
Fig.6 Forward Current vs. Forward Voltage
Pulse width
≤100µs
Ta=25˚C
10 000
1 000
100
10
10−3
10−2
10−1
1
Duty ratio
Fig.5 Peak Forward Current vs. Duty Ratio
PC3H4J00000F Series


Similar Part No. - PC3H4J00000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H4 SHARP-PC3H4 Datasheet
68Kb / 5P
   Mini-falt Package AC Input Type Half Pitch Photocoupler
PC3H4 SHARP-PC3H4 Datasheet
660Kb / 14P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
More results

Similar Description - PC3H4J00000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC354NJ0000F SHARP-PC354NJ0000F Datasheet
232Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354N1TJ00F SHARP-PC354N1TJ00F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC354NTJ000F SHARP-PC354NTJ000F Datasheet
206Kb / 14P
   Mini-flat Package, AC Input Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC354NT SHARP-PC354NT Datasheet
59Kb / 5P
   Mini-flat Package, AC Input Type Photocoupler
PC3H4 SHARP-PC3H4 Datasheet
68Kb / 5P
   Mini-falt Package AC Input Type Half Pitch Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com