Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27C080-90TC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27C080-90TC
Description  8-Megabit 1M x 8 UV Erasable CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080-90TC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT27C080-90TC Datasheet HTML 2Page - ATMEL Corporation AT27C080-90TC Datasheet HTML 3Page - ATMEL Corporation AT27C080-90TC Datasheet HTML 4Page - ATMEL Corporation AT27C080-90TC Datasheet HTML 5Page - ATMEL Corporation AT27C080-90TC Datasheet HTML 6Page - ATMEL Corporation AT27C080-90TC Datasheet HTML 7Page - ATMEL Corporation AT27C080-90TC Datasheet HTML 8Page - ATMEL Corporation AT27C080-90TC Datasheet HTML 9Page - ATMEL Corporation AT27C080-90TC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AT27C080
8
Rapid Programming Algorithm
A 50
µs CE pulse width is used to program. The address is
set to the first location. V
CC is raised to 6.5V and OE/VPP is
raised to 13.0V. Each address is first programmed with one
50
µs CE pulse without verification. Then a verification
reprogramming loop is executed for each address. In the
event a byte fails to pass verification, up to 10 successive
50
µs pulses are applied with a verification after each
pulse. If the byte fails to verify after 10 pulses have been
applied, the part is considered failed. After the byte verifies
properly, the next address is selected until all have been
checked. OE/V
PP is then lowered to VIL and VCC to 5.0V. All
bytes are read again and compared with the original data to
determine if the device passes or fails.


Similar Part No. - AT27C080-90TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080-90TI ATMEL-AT27C080-90TI Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
AT27C080-90TU ATMEL-AT27C080-90TU Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
More results

Similar Description - AT27C080-90TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C800 ATMEL-AT27C800 Datasheet
177Kb / 10P
   8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
   8-Megabit (1M x 8) OTP EPROM
logo
Fairchild Semiconductor
NM27C020 FAIRCHILD-NM27C020 Datasheet
119Kb / 14P
   2,097,152-Bit (256K x 8) UV Erasable CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com