Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

293D476004B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 293D476004B
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D476004B Datasheet(HTML) 5 Page - Vishay Siliconix

  293D476004B Datasheet HTML 1Page - Vishay Siliconix 293D476004B Datasheet HTML 2Page - Vishay Siliconix 293D476004B Datasheet HTML 3Page - Vishay Siliconix 293D476004B Datasheet HTML 4Page - Vishay Siliconix 293D476004B Datasheet HTML 5Page - Vishay Siliconix 293D476004B Datasheet HTML 6Page - Vishay Siliconix 293D476004B Datasheet HTML 7Page - Vishay Siliconix 293D476004B Datasheet HTML 8Page - Vishay Siliconix 293D476004B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
293D
www.vishay.com
Vishay Sprague
Revision: 04-Jul-13
5
Document Number: 40002
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT + 85 °C; 7 VDC AT 125 °C
0.47
A
293D474(1)010A(2)
0.5
4
14.00
0.07
1.0
A
293D105(1)010A(2)
0.5
4
9.60
0.09
1.5
A
293D155(1)010A(2)
0.5
6
8.00
0.10
2.2
A
293D225(1)010A(2)
0.5
6
6.30
0.11
2.2
B
293D225(1)010B(2)
0.5
6
4.60
0.14
3.3
A
293D335(1)010A(2)
0.5
6
5.50
0.12
3.3
B
293D335(1)010B(2)
0.5
6
5.50
0.12
4.7
A
293D475(1)010A(2)
0.5
6
5.00
0.12
4.7
B
293D475(1)010B(2)
0.5
6
3.40
0.16
4.7
C
293D475(1)010C(2)
0.5
6
2.30
0.22
6.8
A
293D685(1)010A(2)
0.7
6
4.20
0.13
6.8
B
293D685(1)010B(2)
0.7
6
2.90
0.17
6.8
C
293D685(1)010C(2)
0.7
6
1.90
0.24
10
A
293D106(1)010A(2)
1.0
6
3.40
0.15
10
B
293D106(1)010B(2)
1.0
6
2.50
0.18
10
C
293D106(1)010C(2)
1.0
6
1.80
0.25
15
A
293D156(1)010A(2)
1.5
6
2.90
0.16
15
B
293D156(1)010B(2)
1.5
6
2.00
0.21
15
C
293D156(1)010C(2)
1.5
6
1.80
0.25
22
A
293D226(1)010A(2)
2.2
8
2.50
0.17
22
B
293D226(1)010B(2)
2.2
6
1.90
0.21
22
C
293D226(1)010C(2)
2.2
6
1.50
0.27
22
D
293D226(1)010D(2)
2.2
6
1.50
0.32
33
B
293D336(1)010B(2)
3.3
6
1.90
0.21
33
C
293D336(1)010C(2)
3.3
6
1.40
0.28
33
D
293D336(1)010D(2)
3.3
6
0.80
0.43
47
B
293D476(1)010B(2)
4.7
6
1.80
0.22
47
C
293D476(1)010C(2)
4.7
6
1.10
0.32
47
D
293D476(1)010D(2)
4.7
6
0.70
0.46
68
B
293D686(1)010B(2)
6.8
14
1.80
0.22
68
C
293D686(1)010C(2)
6.8
6
1.00
0.33
68
D
293D686(1)010D(2)
6.8
6
0.70
0.46
68
E
293D686(1)010E(2)
6.8
6
0.80
0.45
68
V
293D686(1)010V(3)
6.8
6
0.70
0.42
100
B
293D107X0010B(2)
10.0
25
2.50
0.18
100
C
293D107(1)010C(2)
10.0
8
0.90
0.35
100
D
293D107(1)010D(2)
10.0
8
0.60
0.50
100
E
293D107(1)010E(2)
10.0
8
0.70
0.49
100
V
293D107(1)010V(3)
10.0
8
0.70
0.42
120
E
293D127(1)010E(2)
12.0
6
1.00
0.41
150
C
293D157X0010C(2)
15.0
20
0.90
0.35
150
D
293D157(1)010D(2)
15.0
8
0.60
0.50
150
E
293D157(1)010E(2)
15.0
8
0.50
0.57
220
D
293D227(1)010D(2)
22.0
8
0.60
0.50
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Tolerance: X0, X9
(2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
(3) Lead (Pb)-free terminations and packaging codes: 2TE3, 2WE3


Similar Part No. - 293D476004B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D476004B VISHAY-293D476004B Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
More results

Similar Description - 293D476004B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com