Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

564-0200-111 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 564-0200-111
Description  3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

564-0200-111 Datasheet(HTML) 1 Page - Dialight Corporation

  564-0200-111 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4-43
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm
LED CBI® Circuit Board Indicator
Tri-Level
564-0x00-xxx
11.56
[.455]
REF
A
4.45[.175]
±.010
2.54 [.100]
±.010
2.54 [.100]
±.010
2.54
[.100]
5.08
[.200]
15.24
[.600]
4.32
[.170]
MAX
3.68
[.145]
±.010
5.08
[.200]
( TYP )
5.08 [.200]
±.010
CATHODE ID
RED CATHODE LEAD
YEL CATHODE LEAD
(BI-COLOR LEDs)
POS.1
POS.2
POS.3
TOP LED
5.08
[.200]
2.54
[.100]
±.002
2.54
[.100]
±.002
Ø 1.09 [.043]
±.002 ( 6X )
Dimension A:
Red/Green Bi-color 2.76 [.109
±.015] all other colors 2.67 [.103 +- .015]
2.54
[.100]
±.002
PART NO.
COLOR*
HIGH EFFICIENCY - LED TYPE 01
564-0100-111
Red-Red-Red
564-0100-132
Red-Yellow-Green
564-0100-222
Green-Green-Green
564-0100-777
Orange-Orange-Orange
564-0100-999
Blue-Blue-Blue
LOW CURRENT - LED TYPE 02
564-0200-111
Red-Red-Red
564-0200-132
Red-Yellow-Green
564-0200-222
Green-Green-Green
INTEGRAL RESISTOR, 5 VOLTS - LED TYPE 03
564-0300-111
Red-Red-Red
564-0300-132
Red-Yellow-Green
564-0300-222
Green-Green-Green
BI-COLOR - LED TYPE 07
564-0700-111
Red/Green-Red/Green-Red/Green
564-0700-444
Yellow/Green-Yellow/Green-
Yellow/Green
* Top-Middle-Bottom LED
Features
• Multiple CBIs form horizontal LED arrays on 4.45mm
(0.175”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 29%
• Polymer content: PBT, 0.078 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1,
EN-60825-1
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Custom Combinations
• Contact factory for information on custom
color combinations
Dimensions in mm [inches]
5 6 4 - 0 x 0 0 - x x x
Top LED Position
Bottom LED
Position
Middle LED Position
LED Type
Series
PART NUMBER ORDERING CODE
Color = 0) Blank 1) Red or Red/Green Bi-color 2) Green 3) Yellow
4) Yellow/Green Bi-color 7) Orange 8) Blue³
NEW
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE
DEVICES
³


Similar Part No. - 564-0200-111

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0200-111 DIALIGHT-564-0200-111 Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
564-0200-111 DIALIGHT-564-0200-111 Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
More results

Similar Description - 564-0200-111

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0233F DIALIGHT-553-0233F Datasheet
84Kb / 10P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0111-200F DIALIGHT-553-0111-200F Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
551-0407F DIALIGHT-551-0407F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com