Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

750-2000VA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 750-2000VA
Description  IP20 Touch-Proof terminals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

750-2000VA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  750-2000VA Datasheet HTML 1Page - List of Unclassifed Manufacturers 750-2000VA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
143
5
Industrial Control Transformers
ICE International Series: 750 - 2000 VA
International CE marked transformers include IP20 touch-
proof terminations and copper windings in an encapsulated
design. These units range from 750 to 2000 VA with 80oC
temperature rise. The design is highly flexible due to the
use of the standardized primary coil for multiple worldwide
voltage combinations. CE marked and cULus approval
make the ICE International Series the perfect choice for
OEM export equipment.
Features
• IP20 Touch-Proof terminals
• Copper windings
• Epoxy encapsulated for cooler operation and
increased reliability
• 80oC rise temp, 130oC insulation system for harsh,
heavy-duty standards
• 50/60 Hz Frequency
• Meets or exceeds electrical requirements of NEMA,
ANSI and IEC
• CE marked and cULus listed
Related Products
• DIN Rail Power Supplies
• 63 Series Power Conditioners
• Surge Suppression Devices provide additional
protection and longevity to any electronic equipment.
Design Style
Profile
Gross Automation (877) 268-3700 · www.solahevidutysales.com · sales@grossautomation.com
Gross Automation (877) 268-3700 · www.solahevidutysales.com · sales@grossautomation.com


Similar Part No. - 750-2000VA

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
750-251-C1 ATM-750-251-C1 Datasheet
85Kb / 1P
   OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
750-251-C2 ATM-750-251-C2 Datasheet
85Kb / 1P
   OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
750-251-C3 ATM-750-251-C3 Datasheet
85Kb / 1P
   OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
750-251-C3 ATM-750-251-C3 Datasheet
82Kb / 1P
   STANDARD GAIN HORN
750-251-G1 ATM-750-251-G1 Datasheet
85Kb / 1P
   OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
More results

Similar Description - 750-2000VA

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRC ALPS-SKRC Datasheet
146Kb / 3P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
SKRC ALPS-SKRC_15 Datasheet
680Kb / 4P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
logo
ETAL Group
MPR10 ETAL-MPR10 Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
WAGO Kontakttechnik Gmb...
2007-8807 WAGO-2007-8807 Datasheet
743Kb / 11P
   2-conductor ground terminal block; 6 mm짼; with touch-proof test socket
24.11.2021
2007-8801 WAGO-2007-8801 Datasheet
658Kb / 12P
   2-conductor through terminal block; 6 mm짼; with touch-proof test socket
24.11.2021
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
PHOENIX CONTACT
1404347 PHOENIX-1404347 Datasheet
324Kb / 8P
   VS-IP20-IP20-93E/0,3 - Network cable
logo
Teledyne Technologies I...
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
   Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
   Explosion-Proof
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com