Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJY107K002B Datasheet(PDF) 5 Page - AVX Corporation

Part # TAJY107K002B
Description  TAJ Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJY107K002B Datasheet(HTML) 5 Page - AVX Corporation

  TAJY107K002B Datasheet HTML 1Page - AVX Corporation TAJY107K002B Datasheet HTML 2Page - AVX Corporation TAJY107K002B Datasheet HTML 3Page - AVX Corporation TAJY107K002B Datasheet HTML 4Page - AVX Corporation TAJY107K002B Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
25
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJW335*035#
W
3.3
35
1.2
6
1.6
TAJW475*035#
W
4.7
35
1.6
6
2.2
TAJY685*035#
Y
6.8
35
2.3
6
0.9
TAJX106*035#
X
10
35
3.5
6
0.7
TAJY106*035#
Y
10
35
3.5
6
1
TAJY156*035#
Y
15
35
5.3
6
0.6
TAJY226*035#
Y
22
35
7.7
6
0.5
TAJS104*050#
S
0.1
50
0.5
4
19
TAJS154*050#
S
0.15
50
0.5
4
16
TAJS224*050#
S
0.22
50
0.5
4
13
TAJS334*050#
S
0.33
50
0.5
4
11
TAJT334*050#
T
0.33
50
0.5
4
11
TAJS474*050#
S
0.47
50
0.5
4
9.5
TAJT474*050#
T
0.47
50
0.5
4
9.5
TAJW105*050#
W
1
50
0.5
6
4.4
TAJW155*050#
W
1.5
50
0.8
6
3.1
TAJY335*050#
Y
3.3
50
1.7
4
1.7
TAJY475*050#
Y
4.7
50
2.4
6
1.2
TAJY685*050#
Y
6.8
50
3.4
6
0.9
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20%
# Standard Plating
– Insert R for 7" reel and S for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a higher voltage
rating or tighter tolerance part in the same case size,
to the same reliability standards.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20%
# Standard Plating
– Insert R for 7" reel and S for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a higher voltage
rating or tighter tolerance part in the same case size,
to the same reliability standards.


Similar Part No. - TAJY107K002B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJY107K016RNJ AVX-TAJY107K016RNJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJY107K002B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJS105K010RNJ AVX-TAJS105K010RNJ Datasheet
120Kb / 5P
   TAJ Series
TAJA684K025RNJ AVX-TAJA684K025RNJ Datasheet
118Kb / 5P
   TAJ Series
TAJD106M025RNJ AVX-TAJD106M025RNJ Datasheet
140Kb / 8P
   TAJ Series
TAJE107M025RNJ AVX-TAJE107M025RNJ Datasheet
143Kb / 8P
   TAJ Series
TAJC226M016R AVX-TAJC226M016R Datasheet
118Kb / 5P
   TAJ Series
TAJE157M020RNJ AVX-TAJE157M020RNJ Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
TAJA475K025RNJ AVX-TAJA475K025RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJD106K050RNJ AVX-TAJD106K050RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJE227K016RNJ AVX-TAJE227K016RNJ Datasheet
124Kb / 5P
   TAJ Series Standard Tantalum
TAJA105K016RNJ AVX-TAJA105K016RNJ Datasheet
123Kb / 5P
   TAJ Series Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com