Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BX3059 Datasheet(PDF) 1 Page - API Technologies Corp

Part # BX3059
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

BX3059 Datasheet(HTML) 1 Page - API Technologies Corp

  BX3059 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +40 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +34 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +27 dBm (Typ.)
RF AMPLIFIER
MODEL
TM3059
Features
! High Gain: 25.0 dB Typical
! Output Power: +14.5 dBm Typical
! Operating Temp. - 55 ºC to + 85 ºC
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
05/20/04
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ........................................................... + 8 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Available as:
TM3059, 4 Pin TO-8 (T4)
TN3059, 4 Pin Surface Mount (SM3)
BX3059, Connectorized Housing (H1)
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
450 - 950 MHz
450 - 950 MHz
Gain (dB)
25.0
23.5 Min.
Power @ 1 dB
Comp. (dBm)
+14.5
+ 14.0 Min.
Reverse
Isolation (dB)
-30
-28 Max.
VSWR
In
1.75:1
2.0:1 Max.
Out
1.8:1
2.0:1 Max.
Noise Figure (dB)
3.5
4.7 Max.
Power
Vdc
+5
+5
mA
77
85 Max.
2.0
1.5
1.0
2.0
1.5
1.0
-35
-15
-20
-25
-30
26
24
22
+17
+16
+15
+14
+13
23
25
Start 450 MHz
Stop 950 MHz
Start 450 MHz
Stop 950 MHz
Start 450 MHz
Stop 950 MHz
Start 450 MHz
Stop 950 MHz
Start 450 MHz
Stop 950 MHz
2
6
5
4
3
Start 450 MHz
Stop 950 MHz
Gain (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Reverse Isolation (dB)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - BX3059

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BX3050 APITECH-BX3050 Datasheet
44Kb / 1P
   RF AMPLIFIER MODEL
BX3051 APITECH-BX3051 Datasheet
38Kb / 1P
   RF AMPLIFIER MODEL
BX3052 APITECH-BX3052 Datasheet
40Kb / 1P
   RF AMPLIFIER MODEL
BX3053 APITECH-BX3053 Datasheet
38Kb / 1P
   RF AMPLIFIER MODEL
BX3055 APITECH-BX3055 Datasheet
45Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - BX3059

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com