Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT27BV010-12TC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27BV010-12TC
Description  1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV010-12TC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27BV010-12TC Datasheet HTML 1Page - ATMEL Corporation AT27BV010-12TC Datasheet HTML 2Page - ATMEL Corporation AT27BV010-12TC Datasheet HTML 3Page - ATMEL Corporation AT27BV010-12TC Datasheet HTML 4Page - ATMEL Corporation AT27BV010-12TC Datasheet HTML 5Page - ATMEL Corporation AT27BV010-12TC Datasheet HTML 6Page - ATMEL Corporation AT27BV010-12TC Datasheet HTML 7Page - ATMEL Corporation AT27BV010-12TC Datasheet HTML 8Page - ATMEL Corporation AT27BV010-12TC Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
VCC = 2.7V to 3.6V
ILI
Input Load Current
VIN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1)
Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
20
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
100
µA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL, VCC = 3.6V
8mA
VIL
Input Low Voltage
VCC = 3.0 to 3.6V
-0.6
0.8
V
VCC = 2.7 to 3.6V
-0.6
0.2 x VCC
V
VIH
Input High Voltage
VCC = 3.0 to 3.6V
2.0
VCC + 0.5
V
VCC = 2.7 to 3.6V
0.7 x VCC VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.0 mA
0.4
V
IOL = 100
µA
0.2
V
IOL = 20
µA
0.1
V
VOH
Output High Voltage
IOH = -2.0 mA
2.4
V
IOH = -100
µAVCC - 0.2
V
IOH = -20
µAVCC - 0.1
V
VCC = 4.5V to 5.5V
ILI
Input Load Current
VIN = 0V to VCC
±1
µA
ILO
Output Leakage Current
VOUT = 0V to VCC
±5
µA
IPP1
(2)
VPP
(1)
Read/Standby Current
VPP = VCC
10
µA
ISB
VCC
(1) Standby Current
ISB1 (CMOS), CE = VCC
± 0.3V
100
µA
ISB2 (TTL), CE = 2.0 to VCC + 0.5V
1
mA
ICC
VCC Active Current
f = 5 MHz, IOUT = 0 mA, CE = VIL
25
mA
VIL
Input Low Voltage
-0.6
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400
µA
2.4
V
Notes: 1. VCC must be applied simultaneously with or before
VPP, and removed simultaneously with or after VPP.
2. VPP may be connected directly to VCC, except during pro
gramming. The supply current would then be the sum of ICC
and IPP.
DC and AC Operating Conditions for Read Operation
AT27BV010
-70
-90
-12
-15
Operating Temperature
(Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
= Preliminary Information
3-26
AT27BV010


Similar Part No. - AT27BV010-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010-90JI ATMEL-AT27BV010-90JI Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV010-90TI ATMEL-AT27BV010-90TI Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27BV010-90VI ATMEL-AT27BV010-90VI Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
More results

Similar Description - AT27BV010-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_07 Datasheet
378Kb / 15P
   1-Megabit (128K x 8) Unregulated Battery-Voltage OTP EPROM
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
   1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
   1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
AT27LV010A ATMEL-AT27LV010A_07 Datasheet
375Kb / 15P
   1-Megabit (128K x 8) Low Voltage OTP EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
   4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV1024 ATMEL-AT27BV1024 Datasheet
228Kb / 9P
   1 Megabit 64K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
   4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com