Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV128-10PC Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT17LV128-10PC
Description  FPGA Configuration E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV128-10PC Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT17LV128-10PC Datasheet HTML 2Page - ATMEL Corporation AT17LV128-10PC Datasheet HTML 3Page - ATMEL Corporation AT17LV128-10PC Datasheet HTML 4Page - ATMEL Corporation AT17LV128-10PC Datasheet HTML 5Page - ATMEL Corporation AT17LV128-10PC Datasheet HTML 6Page - ATMEL Corporation AT17LV128-10PC Datasheet HTML 7Page - ATMEL Corporation AT17LV128-10PC Datasheet HTML 8Page - ATMEL Corporation AT17LV128-10PC Datasheet HTML 9Page - ATMEL Corporation AT17LV128-10PC Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AT17 Series
8
AC Characteristics for AT17C65/128
V
CC = 5V ± 5% Commercial / VCC = 5V ± 10% Ind./Mil.
Symbol
Description
Commercial
Industrial/Military
Units
Min
Max
Min
Max
TOE
(2)
OE to Data Delay
110
150
ns
TCE
(2)
CE to Data Delay
50
50
ns
TCAC
(2)
CLK to Data Delay
50
55
ns
TOH
(2)
Data Hold From CE, OE, or CLK
0
0
ns
TDF
(3)
CE or OE to Data Float Delay
50
50
ns
TLC
CLK Low Time
30
35
ns
THC
CLK High Time
30
35
ns
TSCE
CE Setup Time to CLK (to guarantee proper counting)
45
50
ns
THCE
CE Hold Time to CLk (to guarantee proper counting)
0
5
ns
THOE
OE High Time (guarantees counter is reset)
50
60
ns
FMAX
(4)
MAX Input Clock Frequency
10
10
MHz
AC Characteristics for AT17C65/128 When Cascading
V
CC = 5V± 5% Commercial / VCC = 5V ± 10% Ind./Mil.
Notes:
1. Preliminary specifications for military operating range only.
2. AC test load = 50 pf.
3. Float delays are measured with 5 pF AC loads. Transition is measured
±200 mV from steady state active levels.
4. During cascade F
MAX = 8 MHz.
Symbol
Description
Commercial
Industrial/Military
Units
Min
Max
Min
Max
T
CDF
(3)
CLK to Data Float Delay
50
50
ns
T
OCK
(2)
CLK to CEO Delay
65
75
ns
T
OCE
(2)
CE to CEO Delay
55
60
ns
T
OE
(2)
RESET/OE to CEO Delay
55
55
ns


Similar Part No. - AT17LV128-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV128-10PC ATMEL-AT17LV128-10PC Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
AT17LV128-10PC ATMEL-AT17LV128-10PC Datasheet
637Kb / 26P
   FPGA Configuration EEPROM Memory
More results

Similar Description - AT17LV128-10PC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C512 ATMEL-AT17C512 Datasheet
113Kb / 9P
   FPGA Configuration E2PROM Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
   FPGA Configuration Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
   Space FPGA Configuration EEPROM
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com