Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMVP48K3NT Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # MMVP48K3NT
Description  MMVP Series Micro Video Patchbays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

MMVP48K3NT Datasheet(HTML) 1 Page - Switchcraft, Inc.

  MMVP48K3NT Datasheet HTML 1Page - Switchcraft, Inc. MMVP48K3NT Datasheet HTML 2Page - Switchcraft, Inc. MMVP48K3NT Datasheet HTML 3Page - Switchcraft, Inc. MMVP48K3NT Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMVP Series Micro Video Patchbays
The MMVP Series provides the highest level of density for
SMPTE 424M video and AES/EBU digital audio patching...
48 channels (96 patch-points) in a 1RU 19” rack space.
Based on the patented, proven design of our MVJ MidSize video
jack, the all metal, screw-in jack provides complete stability and
durability in even the most extreme applications, including mobile
production. The MMVP jack is rated at 3GHz and meets SMPTE
424M specifications. Industry standard DIN 1.0 / 2.3 rear
termination makes installation easy and eliminates the need for
proprietary connectors or special tooling.
Each patchbay jack can be color coded using our new color chips.
Each chip snaps into the front panel, providing instant channel
identification. Additionally, snap-in posts on either side of the
designation strips secure designation labeling.
The MMVP Series is available in 1RU and 2RU heights for
greater flexibility. 2RU versions are available with two rows of
jacks (4x48 density). All versions are available normalled,
non-normalled, 75 Ohm terminated or non-terminated. Contact
Switchcraft® for custom options.
Features
-Based on the proven, reliable,
patented technology of our MVJ
Series of HD video jacks.
-Screw in, all metal jack design
withstands vibration in mobile
applications.
-Rated at 3GHz - meets
SMPTE 424M specifications
for HD patching.
Now available with
channel marking color
chips - sold separately
MMVP48K175T
-1RU / 96 Patch-points
-Fully Normalled
-75 Ohm Terminated
-Designation strip height: .380”
®
Switchcraft
MMVP Micro Video Patchbays
Switchcraft®
www.switchcraft.com
New Product Bulletin #580
®
Made in USA
sales@switchcraft.com 773-792-2700


Similar Part No. - MMVP48K3NT

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MMV1 MURATA-PS-MMV1 Datasheet
194Kb / 7P
   3kVDC Isolated 1W Single Output DC-DC Converters with Short Circuit Protection
2022
MMV1S0505SC MURATA-PS-MMV1S0505SC Datasheet
194Kb / 7P
   3kVDC Isolated 1W Single Output DC-DC Converters with Short Circuit Protection
2022
MMV1S0524SC MURATA-PS-MMV1S0524SC Datasheet
194Kb / 7P
   3kVDC Isolated 1W Single Output DC-DC Converters with Short Circuit Protection
2022
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1 Datasheet
55Kb / 4P
   VOLTAGE VARIABLE CAPACITANCE DIODE
January, 2000 ??Rev. 1
logo
Leshan Radio Company
MMVL105GT1 LRC-MMVL105GT1 Datasheet
52Kb / 2P
   Silicon Tuning Diode
More results

Similar Description - MMVP48K3NT

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
MT48 SWITCH-MT48 Datasheet
216Kb / 1P
   PATCHBAYS
TT96EDACNS SWITCH-TT96EDACNS Datasheet
123Kb / 1P
   PATCHBAYS EDAC Series
VJHD75TZ SWITCH-VJHD75TZ Datasheet
585Kb / 2P
   Video Patchbay Series
logo
List of Unclassifed Man...
AN2210S ETC-AN2210S Datasheet
307Kb / 5P
   Video Camera Video Output Circuit
logo
Texas Instruments
RI-STU-MRD1 TI-RI-STU-MRD1_09 Datasheet
118Kb / 4P
[Old version datasheet]   SERIES 2000 MICRO READER
RI-STU-MRD1 TI-RI-STU-MRD1 Datasheet
92Kb / 3P
[Old version datasheet]   SERIES 2000 MICRO READER
logo
Banner Engineering Corp...
VSM BANNER-VSM Datasheet
656Kb / 7P
   VSM Series Micro Sensors
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Switchcraft, Inc.
EH35MMMSC SWITCH-EH35MMMSC Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com