Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQ084S3LG01 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LQ084S3LG01
Description  Strong 2 SVGA LCD Module featuring 400 nits brightness with 600:1 contrast. Full Specifications Listing
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ084S3LG01 Datasheet(HTML) 5 Page - Sharp Corporation

  LQ084S3LG01 Datasheet HTML 1Page - Sharp Corporation LQ084S3LG01 Datasheet HTML 2Page - Sharp Corporation LQ084S3LG01 Datasheet HTML 3Page - Sharp Corporation LQ084S3LG01 Datasheet HTML 4Page - Sharp Corporation LQ084S3LG01 Datasheet HTML 5Page - Sharp Corporation LQ084S3LG01 Datasheet HTML 6Page - Sharp Corporation LQ084S3LG01 Datasheet HTML 7Page - Sharp Corporation LQ084S3LG01 Datasheet HTML 8Page - Sharp Corporation LQ084S3LG01 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LCY-W07802
-2
1.
Application
This specification applies to the color TFT-LCD module, LQ084S3LG01.
2.
Overview
This module is a color active matrix LCD module incorporating amorphous silicon TFT
(Thin Film Transistor).
It is composed of a color TFT-LCD panel, driver ICs, control circuit, power supply circuit and a back light unit.
Graphics and texts can be displayed on a 800×RGB×600 dots panel with about 16 million colors by using
LVDS (Low Voltage Differential Signaling) and supplying +3.3V DC supply voltages for TFT-LCD panel
driving and supply voltage for backlight.
(Note: Backlight-driving DC/AC inverter is not built in this module.)
a) Fine images with stripe aligned 480,000 pixels on 8.4 inch diagonal screen
b) Adapting a wide viewing angle technology [best viewing angle: 6 o’clock direction]
(12 o’clock direction is also available by the function to flip the screen horizontally or vertically)
c) High contrast, thanks to active matrix drive system
d) AG(Anti Glare) polarizing filter
e) Light and slim compact module
f) Natural coloring reproducibility by employing normally-white-mode, which has good nature in coloring
g) Image inversion both horizontally and vertically
h) This module is adapted to RoHS compliance.
3. Mechanical Specifications
Parameter
Specifications
Unit
Display size
21.3 (Diagonal)
cm
8.4 (Diagonal)
Inch
Active area
170.4 (H)×127.8 (V)
mm
Pixel format
800 (H)×600 (V)
Pixel
(1 pixel=R+G+B dots)
Pixel pitch
0.213 (H)×0.213 (V)
mm
Pixel configuration
R, G, B vertical stripe
Display mode
Normally white
Unit outline dimensions *1
199.5(W)×149.5(H)×11.6(D)
mm
Mass
405(MAX)
g
Surface treatment
Anti-glare and hard-coating
*1.Note: excluding back light cables.
The thickness of module (D) doesn’t contain the projection.
Outline dimensions are shown in Fig.1.


Similar Part No. - LQ084S3LG01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
   TFT-LCD Module
More results

Similar Description - LQ084S3LG01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ONYX-219 AAEON-ONYX-219 Datasheet
347Kb / 2P
   19??True Color High Contrast 300 Nits Medical LCD
logo
Purdy Electronics Corpo...
AND12C285-DHB-KIT PURDY-AND12C285-DHB-KIT Datasheet
677Kb / 5P
   SVGA Color TFT LCD Module
AND12C285-4HB PURDY-AND12C285-4HB Datasheet
578Kb / 5P
   SVGA Color TFT LCD Module
logo
Hantronix,Inc
HDA1040S-G HANTRONIX-HDA1040S-G Datasheet
2Mb / 21P
   10.4?? TFT SVGA (800 X 600) COLOR LCD DISPLAY MODULE
logo
AAEON Technology
PC3200 AAEON-PC3200 Datasheet
2Mb / 2P
   12.1 TFT SVGA (800 x 600) LCD
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
   12.1" TFT SVGA (800 x 600) LCD
APC-8122 AAEON-APC-8122 Datasheet
326Kb / 2P
   12.1??TFT SVGA (800 x 600) LCD
logo
AU Optronics Corp.,
G084SN05V.3 AUO-G084SN05V.3 Datasheet
250Kb / 25P
   8.4inch SVGA Color TFT-LCD Module
G121SN01V.1 AUO-G121SN01V.1 Datasheet
407Kb / 28P
   12.1inch SVGA Color TFT-LCD Module
logo
AAEON Technology
AWK-3201 AAEON-AWK-3201 Datasheet
661Kb / 2P
   12.1??SVGA (800 x 600) Color TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com