Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G70D-ET Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G70D-ET
Description  Relay Output Blocks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G70D-ET Datasheet(HTML) 2 Page - Omron Electronics LLC

  G70D-ET Datasheet HTML 1Page - Omron Electronics LLC G70D-ET Datasheet HTML 2Page - Omron Electronics LLC G70D-ET Datasheet HTML 3Page - Omron Electronics LLC G70D-ET Datasheet HTML 4Page - Omron Electronics LLC G70D-ET Datasheet HTML 5Page - Omron Electronics LLC G70D-ET Datasheet HTML 6Page - Omron Electronics LLC G70D-ET Datasheet HTML 7Page - Omron Electronics LLC G70D-ET Datasheet HTML 8Page - Omron Electronics LLC G70D-ET Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
G70D
G70D
2
3 GENERAL-PURPOSE CONNECTING CABLES
The following cables can be connected to I/O boards and PLC modules from any manufacturer.
Item
Length
Part number
Connecting cable with
1 m (3.28 ft)
G79-Y100C
Connecting cable with
crimp hook
terminals
1.5 m (4.92 ft)
G79-Y150C
terminals
2 m (6.56 ft)
G79-Y200C
3 m (9.84 ft)
G79-Y300C
5 m (16.40 ft)
G79-Y500C
Connecting cable with
loose wires
2 m (6.56 ft)
G79-A200C
5 m (16.40 ft)
G79-A500C
3 DEDICATED CONNECTING CABLES FOR OMRON PLC MODULES
The following cables are designed to connect directly to Omron PLC modules and have dedicated connectors for specific models.
Item
Length
Part number
Connecting cable with
1 m (3.28 ft)
G79-100C
Connecting cable with
one connector
for high-density
1.5 m (4.92 ft)
G79-150C
for high-density
I/O modules
2 m (6.56 ft)
G79-200C
I/O modules
3 m (9.84 ft)
G79-300C
5 m (16.40 ft)
G79-500C
Connecting cable with
two connectors
1 m (3.28 ft) + 0.75 m (2.46 ft)
G79-O100C-75
two connectors
for high-density
I/O
d l
2 m (6.56 ft) + 1.75 m (5.74 ft)
G79-O200C-175
g
y
I/O modules
3 m (9.84 ft) + 2.75 m (9.02 ft)
G79-O300C-275
5 m (16.40 ft) + 4.75 m (15.58 ft)
G79-O500C-475
Connecting cable with
three connectors
1.5 m (4.92 ft) + 1.25 m (4.10 ft) + 1 m (3.28 ft)
G79-150C-125-100
three connectors
for CS1 high-
density I/O
modules
2 m (6.56 ft) + 1.75 m (5.74 ft) + 1.5 m (4.92 ft)
G79-200C-175-150
modules
3 m (9.84 ft) + 2.75 m (9.02 ft) + 2.5 m (8.20 ft)
G79-300C-275-250
3 ACCESSORIES
Item
Applicable output blocks
Rated voltage
Part number
Shorting bar
G70D-VSOC16, G70D-VFOM16
G6D-4-SB
Expansion terminal block
G70D-VSOC16, G70D-VFOM16
G70D-ET
Replacement relays
G70D-VSOC16, G70D-SOC16
24 VDC; minimum load 10 mA at 5 VDC
G6D-1A DC24
y
G70D-VFOM16, G70D-FOM16
24 VDC
G3DZ-2R6PL DC24


Similar Part No. - G70D-ET

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G70D-ET OMRON-G70D-ET Datasheet
417Kb / 14P
   Relay Output Blocks
More results

Similar Description - G70D-ET

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G70D OMRON-G70D Datasheet
417Kb / 14P
   Relay Output Blocks
logo
Pepperl+Fuchs Inc.
LB6101H PF-LB6101H Datasheet
652Kb / 3P
   Relay output
2021-12-01
FB6306B2 PF-FB6306B2 Datasheet
589Kb / 3P
   Relay output
LB6005A PF-LB6005A Datasheet
647Kb / 3P
   Relay output
2021-12-01
LB6006A PF-LB6006A Datasheet
664Kb / 3P
   Relay output
2021-12-01
FB6305B200 PF-FB6305B200 Datasheet
652Kb / 3P
   Relay output
logo
M-System Co.,Ltd.
38BOS6 MSYSTEM-38BOS6 Datasheet
56Kb / 2P
   OUTPUT RELAY CARD
logo
Contec Co., Ltd
CPS-RRY-4PCC CONTEC-CPS-RRY-4PCC Datasheet
497Kb / 2P
   Relay Output Module
logo
WAGO Kontakttechnik Gmb...
859-302 WAGO-859-302_V01 Datasheet
98Kb / 1P
   Rail-Mounted Terminal Blocks with Miniature Switching Relay
14.01.2015
logo
M-System Co.,Ltd.
38N4 MSYSTEM-38N4 Datasheet
82Kb / 2P
   OUTPUT RELAY CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com