Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC3MAV4-AU-B Datasheet(PDF) 10 Page - Amphenol Corporation

Part # AC3MAV4-AU-B
Description  AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AC3MAV4-AU-B Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button AC3MAV4-AU-B Datasheet HTML 6Page - Amphenol Corporation AC3MAV4-AU-B Datasheet HTML 7Page - Amphenol Corporation AC3MAV4-AU-B Datasheet HTML 8Page - Amphenol Corporation AC3MAV4-AU-B Datasheet HTML 9Page - Amphenol Corporation AC3MAV4-AU-B Datasheet HTML 10Page - Amphenol Corporation AC3MAV4-AU-B Datasheet HTML 11Page - Amphenol Corporation AC3MAV4-AU-B Datasheet HTML 12Page - Amphenol Corporation AC3MAV4-AU-B Datasheet HTML 13Page - Amphenol Corporation AC3MAV4-AU-B Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ENTERTAINMENT INTERCONNECT CATALOGUE - Amphenol Australia Pty Ltd Telephone 61 3 8796 8888 Fax 61 3 8796 8801
www.amphenolaudio.com
43
Mating connector
shell to Chassis
to PCB, Pin 1 sep.
Ground
AC5MAH-AU-B
AC5MAV-AU-B
AC5FAH-AU-B
AC5FAV-AU-B
XLR 5 pole male,
Horizontal PCB,
Gold Plated Contacts,
Bulk Pack
XLR 5 pole male,
Vertical PCB,
Gold Plated Contacts,
Bulk Pack
XLR 5 pole female,
Horizontal PCB,
Gold Plated Contacts,
Bulk Pack
XLR 5 pole female,
Vertical PCB,
Gold Plated Contacts,
Bulk Pack
AC SERIES CHASSIS CONNECTORS
THERMOPLASTIC A TYPE FLANGE
Features:
• 5 contacts.
• Thermoplastic Shell
• Industry standard PCB footprints.
• Vertical or Horizontal PCB mounting.
• Precision machined pin contacts.
• Gold plated contacts.
• Leading first mate last break socket contact.
• Bulk packed in trays, 100 to a box as standard.
• Positive latch lock system.
Options: Vertical or Horizontal PCB,
Part Number Breakdown: Page 46
Specifications: Page 47
PCB Footprints: Page 48
Panel Cutouts: Page 49
PRODUCT - FIGURE
DRAWING
Dimensions in mm (inches)
PART NUMBER
MOUNTING FLANGE
VARIATIONS
DESCRIPTION/
GROUND LINK
Mating connector
shell to Chassis
to PCB, Pin 1 sep.
Ground
Mating connector
shell to Chassis
to PCB, Pin 1 sep.
Ground
Mating connector
shell to Chassis
to PCB, Pin 1 sep.
Ground


Similar Part No. - AC3MAV4-AU-B

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AC3MI AMPHENOL-AC3MI Datasheet
71Kb / 1P
   AC3MI LINE CONNECTOR CUSTOMER DWG
More results

Similar Description - AC3MAV4-AU-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
   XLR Connectors
logo
Maxim Integrated Produc...
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
   On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
logo
Amphenol Corporation
AX3M AMPHENOL-AX3M Datasheet
1Mb / 6P
   AX SERIES XLR CABLE CONNECTORS
logo
List of Unclassifed Man...
RT3FC-B ETC2-RT3FC-B Datasheet
1Mb / 24P
   TINY xlr Cable Connectors
logo
Bel Fuse Inc.
SS-52300-001 BEL-SS-52300-001 Datasheet
499Kb / 1P
   USB 2.0 Type-B Connectors
logo
List of Unclassifed Man...
NL4MP ETC2-NL4MP Datasheet
239Kb / 5P
   Chassis Connectors
logo
Advantech Co., Ltd.
EWM-W163M2 ADVANTECH-EWM-W163M2 Datasheet
275Kb / 1P
   802.11 ac/a/b/g/n
EWM-W162M2 ADVANTECH-EWM-W162M2 Datasheet
295Kb / 1P
   802.11 ac/a/b/g/n
logo
Suntsu Electronics, Inc...
SATPC-25A7AF-WFB2 SUNTSU-SATPC-25A7AF-WFB2 Datasheet
1Mb / 7P
   IEEE802.11 (a/b/g/n/ac)
SATPC-40A6AF-WFB2 SUNTSU-SATPC-40A6AF-WFB2 Datasheet
1Mb / 7P
   IEEE802.11 (a/b/g/n/ac)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com