Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-MG00 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MG00
Description  MoonstoneTM 1 W Power LED Light Source
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MG00 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MG00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MG00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Package Dimensions
Device Selection Guide ( T
j = 25°C)
Part Number
Color
Luminous Flux,
V
[1,2] (lm)
Test Current
(mA)
Dice
Technology
Min.
Typ.
Max.
ASMT-MR00-AGH00
Red
25.5
35.0
43.0
350
AlInGaP
ASMT-MR00-AHJ00
33.0
40.0
56.0
350
AlInGaP
ASMT-MA00-AGH00
Amber
25.5
35.0
43.0
350
AlInGaP
ASMT-MG00
Green
43.0
60.0
73.0
350
InGaN
ASMT-MB00
Blue
11.5
15.0
25.5
350
InGaN
ASMT-MW00
Cool White
43.0
60.0
73.0
350
InGaN
ASMT-MY00
Warm White
43.0
50.0
73.0
350
InGaN
ASMT-MWB1
Cool White Diffused
43.0
55.0
73.0
350
InGaN
ASMT-MYB1
Warm White Diffused
43.0
46.0
73.0
350
InGaN
Notes
1.
V
is the total luminous flux output as measured with an integrating sphere at 25 ms mono pulse condition.
2. Flux tolerance is ± 10%.
Metal Slug
Cathode
Anode
1
2
3
10.00
8.50
3
1
2
8.50
Ø 5.26
Ø 8.00
5.08
0.81
2.00
5.25
1.30
10.60
1.27
3.30
Heat Sink
LED
ZENER
+
Notes:
1. All dimensions are in millimeters.
2. Tolerance is ±0.1 mm unless otherwise specified.
3. Metal slug is connected to anode for electrically non-isolated option.


Similar Part No. - ASMT-MG00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MG00 AVAGO-ASMT-MG00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
ASMT-MG00 AVAGO-ASMT-MG00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
More results

Similar Description - ASMT-MG00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX6X AVAGO-ASMT-MX6X Datasheet
662Kb / 11P
   MoonstoneTM 1/2W Power LED Light Source
ASMT-MW09 AVAGO-ASMT-MW09 Datasheet
619Kb / 9P
   MoonstoneTM 1W Power LED Light Source
ASMT-MXA0 AVAGO-ASMT-MXA0 Datasheet
526Kb / 10P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
ASMT-MXK0 AVAGO-ASMT-MXK0 Datasheet
510Kb / 11P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
ASMT-MY22-NMP00 AVAGO-ASMT-MY22-NMP00 Datasheet
170Kb / 12P
   Moonstone 3 W High Brightness Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com