Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-MR00-AGH00 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MR00-AGH00
Description  MoonstoneTM 1 W Power LED Light Source
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-MR00-AGH00 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-MR00-AGH00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-MR00-AGH00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Part Numbering System
Note:
1. Please refer to Page 8 for selection details.
ASMT-M x xx – x x1 x2 x3 x4
Packaging Option
Color
R – Red
A – Amber
G - Green
B - Blue
W - Cool White
Y - Warm White
Color Bin Selection
Maximum Flux Bin Selection
Minimum Flux Bin Selection
Dice Type
N – InGaN
A – AllnGaP
Silicone Type
00 – Non-diffused
B1 – Diffused
Absolute Maximum Ratings (T
A = 25°C)
Parameter
ASMT-Mx00/ ASMT-MxB1
Units
DC Forward Current [1]
350
mA
Peak Pulsing Current [2]
1000
mA
Power Dissipation for AllnGaP
805
mW
Power Dissipation for InGaN
1225
mW
LED Junction Temperature for AllnGaP
125
°C
LED Junction Temperature for InGaN
110
°C
Operating Ambient Temperature Range
-40 to +100
°C
Storage Temperature Range
-40 to +120
°C
Reverse Volttage [3]
Not recommended
Notes:
1. DC forward current – derate linearly based on Figure 5 for AlInGaP & Figure 11 for InGaN.
2. Pulse condition duty factor = 10%, Frequency = 1kHz.
3. Not recommended for reverse bias operation.


Similar Part No. - ASMT-MR00-AGH00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MR00-AGH00 AVAGO-ASMT-MR00-AGH00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
More results

Similar Description - ASMT-MR00-AGH00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX6X AVAGO-ASMT-MX6X Datasheet
662Kb / 11P
   MoonstoneTM 1/2W Power LED Light Source
ASMT-MW09 AVAGO-ASMT-MW09 Datasheet
619Kb / 9P
   MoonstoneTM 1W Power LED Light Source
ASMT-MXA0 AVAGO-ASMT-MXA0 Datasheet
526Kb / 10P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MX00 AVAGO-ASMT-MX00 Datasheet
322Kb / 9P
   1 W Power LED Light Source
ASMT-MXK0 AVAGO-ASMT-MXK0 Datasheet
510Kb / 11P
   MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
   Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
ASMT-MY22-NMP00 AVAGO-ASMT-MY22-NMP00 Datasheet
170Kb / 12P
   Moonstone 3 W High Brightness Power LED Light Source
logo
Lite-On Technology Corp...
LOPL-E011HA LITEON-LOPL-E011HA Datasheet
237Kb / 12P
   High power LED light source
LTPL-P033DS50 LITEON-LTPL-P033DS50 Datasheet
197Kb / 13P
   High power LED light source
LOPL-E001W LITEON-LOPL-E001W Datasheet
314Kb / 12P
   High power LED light source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com