Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H3CR-F812DC Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H3CR-F812DC
Description  Solid-state Twin Timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3CR-F812DC Datasheet(HTML) 1 Page - Omron Electronics LLC

  H3CR-F812DC Datasheet HTML 1Page - Omron Electronics LLC H3CR-F812DC Datasheet HTML 2Page - Omron Electronics LLC H3CR-F812DC Datasheet HTML 3Page - Omron Electronics LLC H3CR-F812DC Datasheet HTML 4Page - Omron Electronics LLC H3CR-F812DC Datasheet HTML 5Page - Omron Electronics LLC H3CR-F812DC Datasheet HTML 6Page - Omron Electronics LLC H3CR-F812DC Datasheet HTML 7Page - Omron Electronics LLC H3CR-F812DC Datasheet HTML 8Page - Omron Electronics LLC H3CR-F812DC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
http://www.ia.omron.com/
1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.
Solid-state Twin Timers
H3CR-F
DIN 48
× 48-mm Twin Timers
• Wide power supply ranges of 100 to 240 VAC and 48 to
125 VDC respectively.
• ON- and OFF-times can be set independently and so
combinations of long ON- or OFF-time and short OFF- or ON-
time settings are possible.
• Fourteen time ranges from 0.05 s to 30 h or from 1.2 s to 300 h
depending on the model to be used.
• Models with a flicker ON start or flicker OFF start are available.
• Easy sequence checks through instantaneous outputs for a
zero set value at any time range.
• Length, when panel-mounted with a Socket, of 80 mm or less.
• 11-pin and 8-pin models are available.
Model Number Structure
■ Model Number Legend
Ordering Information
■ List of Models
H3CR - F
@@ - @@
1 23
5
4
1. Classification
F:
Twin timers
2. Configuration
3. Twin Timer Mode
4. Time Range
None: 11-pin socket
8:
8-pin socket
None: Flicker OFF start
N:
Flicker ON start
5. Supply Voltage
None: 0.05 s to 30 h models
300:
1.2 s to 300 h models
100-240AC: 100 to 240 VAC
24AC/DC:
24 VAC/VDC
12DC:
12 VDC
48-125DC: 48 to 125 VDC
Operating
modes
Supply
voltage
0.05 s to 30 h models
1.2 s to 300 h models
11-pin models
8-pin models
11-pin models
8-pin models
Flicker OFF
start
100 to 240 VAC
H3CR-F 100-240AC
H3CR-F8 100-240AC
H3CR-F-300 100-240AC
H3CR-F8-300 100-240AC
24 VAC/DC
H3CR-F 24AC/DC
H3CR-F8 24AC/DC
H3CR-F-300 24AC/DC
H3CR-F8-300 24AC/DC
12 VDC
H3CR-F 12DC
H3CR-F8 12DC
H3CR-F-300 12DC
H3CR-F8-300 12DC
48 to 125 VDC
H3CR-F 48-125DC
H3CR-F8 48-125DC
H3CR-F-300 48-125DC
H3CR-F8-300 48-125DC
Flicker ON start
100 to 240 VAC
H3CR-FN 100-240AC
H3CR-F8N 100-240AC
H3CR-FN-300 100-240AC
H3CR-F8N-300 100-240AC
24 VAC/DC
H3CR-FN 24AC/DC
H3CR-F8N 24AC/DC
H3CR-FN-300 24AC/DC
H3CR-F8N-300 24AC/DC
12 VDC
H3CR-FN 12DC
H3CR-F8N 12DC
H3CR-FN-300 12DC
H3CR-F8N-300 12DC
48 to 125 VDC
H3CR-FN 48-125DC
H3CR-F8N 48-125DC
H3CR-FN-300 48-125DC
H3CR-F8N-300 48-125DC
Note: Specify both the model number and supply voltage when ordering.
Example: H3CR-F 100-240AC
Supply voltage


Similar Part No. - H3CR-F812DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-300 OMRON-H3CR-A-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A-301 OMRON-H3CR-A-301 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8 OMRON-H3CR-A8 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
H3CR-A8-300 OMRON-H3CR-A8-300 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
More results

Similar Description - H3CR-F812DC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DK OMRON-H3DK Datasheet
3Mb / 30P
   Solid-state Timers
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
   Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com