Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25P1024C1-10CC-2.7 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25P1024C1-10CC-2.7
Description  SPI Serial EEPROMs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25P1024C1-10CC-2.7 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25P1024C1-10CC-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25P1024C1-10CC-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25P1024C1-10CC-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25P1024C1-10CC-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25P1024C1-10CC-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25P1024C1-10CC-2.7 Datasheet HTML 9Page - ATMEL Corporation AT25P1024C1-10CC-2.7 Datasheet HTML 10Page - ATMEL Corporation AT25P1024C1-10CC-2.7 Datasheet HTML 11Page - ATMEL Corporation AT25P1024C1-10CC-2.7 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AT25P1024
8
Writes are only allowed to sections of the memory which
are not block-protected.
Note:
When the WPEN bit is hardware write protected, it can-
not be changed back to “0”, as long as the WP pin is held
low.
READ SEQUENCE (READ):
Reading the AT25P1024
via the SO (Serial Output) pin requires the following
sequence. After the CS line is pulled low to select a device,
the READ op-code is transmitted via the SI line followed by
the byte address to be read (Refer to Table 6). Upon com-
pletion, any data on the SI line will be ignored. The data
(D7-D0) at the specified address is then shifted out onto
the SO line. If only one byte is to be read, the CS line
should be driven high after the data comes out. The READ
sequence can be continued since the byte address is auto-
matically incremented and data will continue to be shifted
out. When the highest address is reached, the address
counter will roll over to the lowest address allowing the
entire memory to be read in one continuous READ cycle.
WRITE SEQUENCE (WRITE):
In order to program the
AT25P1024, two separate instructions must be executed.
First, the device must be write enabled via the Write
Enable (WREN) Instruction. Then a Write (WRITE) Instruc-
tion may be executed. Also, the address of the memory
location(s) to be programmed must be outside the pro-
tected address field location selected by the Block Write
Protection Level. During an internal write cycle, all com-
mands will be ignored except the RDSR instruction.
A Write Instruction requires the following sequence. After
the CS line is pulled low to select the device, the WRITE
op-code is transmitted via the SI line followed by the byte
address and the data (D7-D0) to be programmed (Refer to
Table 6). Programming will start after the CS pin is brought
high. (The LOW to High transition of the CS pin must occur
during the SCK low time immediately after clocking in the
D0 (LSB) data bit.
The READY/BUSY status of the device can be determined
by initiating a READ STATUS REGISTER (RDSR) Instruc-
tion. If Bit 0 = 1, the WRITE cycle is still in progress. If Bit 0
= 0, the WRITE cycle has ended. Only the READ STATUS
REGISTER instruction is enabled during the WRITE pro-
gramming cycle.
The AT25P1024 is capable of a 128-byte PAGE WRITE
operation ONLY. Content of the page in the array will not
be guaranteed if less than 128 bytes of data is received
(byte operation is not supported). After each byte of data is
received, the seven low order address bits are internally
incremented by one; the high order bits of the address will
remain constant. If more than 128 bytes of data are trans-
mitted, the address counter will roll over and the previously
written data will be overwritten. The AT25P1024 is auto-
matically returned to the write disable state at the comple-
tion of a WRITE cycle.
NOTE: If the device is not Write enabled (WREN), the
device will ignore the Write instruction and will return to the
standby state, when CS is brought high. A new CS falling
edge is required to re-initiate the serial communication.
Table 5. WPEN Operation
WPEN
WP
WEN
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
Table 6. Address Key
Address
AT25P1024
A
N
A
16 - A0
Don’t Care Bits
A
23 - A17


Similar Part No. - AT25P1024C1-10CC-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25P1024C1-10CI-2.7 ATMEL-AT25P1024C1-10CI-2.7 Datasheet
193Kb / 17P
   SPI Serial EEPROMs
AT25P1024C1-10CU-2.7 ATMEL-AT25P1024C1-10CU-2.7 Datasheet
193Kb / 17P
   SPI Serial EEPROMs
More results

Similar Description - AT25P1024C1-10CC-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com