Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X10D2-N2M Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2E-X10D2-N2M
Description  Standard Proximity Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X10D2-N2M Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2E-X10D2-N2M Datasheet HTML 1Page - Omron Electronics LLC E2E-X10D2-N2M Datasheet HTML 2Page - Omron Electronics LLC E2E-X10D2-N2M Datasheet HTML 3Page - Omron Electronics LLC E2E-X10D2-N2M Datasheet HTML 4Page - Omron Electronics LLC E2E-X10D2-N2M Datasheet HTML 5Page - Omron Electronics LLC E2E-X10D2-N2M Datasheet HTML 6Page - Omron Electronics LLC E2E-X10D2-N2M Datasheet HTML 7Page - Omron Electronics LLC E2E-X10D2-N2M Datasheet HTML 8Page - Omron Electronics LLC E2E-X10D2-N2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
CSM_E2E_DS_E_
8_1
Standard Proximity Sensor
E2E
Your Search for Proximity Sensors
Starts with the World-leading
Performance and Quality of the E2E
• Standard Sensors for detecting ferrous metals.
• Wide array of variations. Ideal for a variety of applications.
• Models with different frequencies are also available to prevent
mutual interference.
• Superior environment resistance with standard cable made of oil-
resistant PVC and sensing surface made of material that resists
cutting oil.
• Useful to help prevent disconnection.
Cable protector provided as a standard feature.
Be sure to read Safety Precautions on
page 27.
*1: No AC/DC 2-wire models or AC 2-wire M8 models are compliant.
*2: Attach three ferrite clamps to the cable of the E2E-X3
@@ and
E2E-X8MD
@. (Refer to information on TDK catalog number
ZCAT2035-0930A.)
*1, *2
Features
Pre-wired Models with Oil-resistant Reinforced PUR Cables Added
to the Lineup and Easy Differentiation with Orange Head
Lineup includes models with Smartclick pre-wired connectors for fast connection.
2-Wire Models
Oil Resistance
Oil Resistance
Cable Flexibility
Cable Flexibility
Cable Flexibility
Cable Flexibility at
Cable Flexibility at
Low Temperatures
Low Temperatures
Oil Resistance (Insulation service life):
twice or three times
that of oil-resistant vinyl chloride
Cable Flexibility:
approximately twice
that of cinyl chloride cables
More Flexibility at
−40°C
Oil Resistance
Cable Flexibility at
Low Temperatures
Differentiation from standard
models: Orange Head
XS5 Smartclick connectors used to
enable checking connector mating
Jacket: Polyester elastomer
Insulation: Oil-resistant grade PUR (polyurethane)
1/8 turn
Insert all
the way.
Clic
k


Similar Part No. - E2E-X10D2-N2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10D2-N OMRON-E2E-X10D2-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X10D2-N OMRON-E2E-X10D2-N Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2E-X10D2-N2M OMRON-E2E-X10D2-N2M Datasheet
2Mb / 36P
   Standard Proximity Sensor
More results

Similar Description - E2E-X10D2-N2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-C1C1 OMRON-E2E-C1C1 Datasheet
2Mb / 36P
   Standard Proximity Sensor
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
   MINIATURE STANDARD PROXIMITY SENSOR
logo
Omron Electronics LLC
TL-N OMRON-TL-N Datasheet
1Mb / 12P
   Rectangular Standard Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com