Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A165L-ARM-12-2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # A165L-ARM-12-2
Description  Separate Construction with Cylindrical 16-dia. Body
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165L-ARM-12-2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button A165L-ARM-12-2 Datasheet HTML 7Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 8Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 9Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 10Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 11Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 12Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 13Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 14Page - Omron Electronics LLC A165L-ARM-12-2 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
A16
11
Ordering Information
Unit Sets ....................... Sets that combine a Socket Unit and a Lamp.
Socket Unit Sets with Incandescent Lamps
Socket Unit Sets with LED Lamps
Socket Unit Set with Voltage-reduction Lighting (Soldered Terminals)
Note: An LED rated 24 VAC/VDC is built-in.
Screw-less Clamp Socket Unit Sets
Note: The 100-V models and 200-V models an LED rated 24 VAC/VDC is built-in.
Insert symbols in
∆ and @.
@
Note: If the Operation Unit is pure yellow (PY), use white (W) for the Socket Unit Set.
Appearance
Classification
Model
Standard loads and
microloads
Solder terminals
SPDT
A16L-
@-1
DPDT
A16L-
@-2
Appearance
Classification
Model
Standard loads and
microloads
Solder terminals
SPDT
A16L-
∆-@-1
DPDT
A16L-
∆-@-2
PCB terminals
SPDT
A16L-
∆-@-1P
DPDT
A16L-
∆-@-2P
Appearance
Classification
Operating voltage
Model
Standard loads and microloads
SPDT
100/110 VAC/VDC
A16L-
∆-T1-1
DPDT
100/110 VAC/VDC
A16L-
∆-T1-2
Appearance
Classification
Model
Standard loads and
microloads
DPDT
Non-lighted
A16-2S
Lighted
No voltage-reduction lighting
A16L-
∆-@-2S
Voltage-reduc-
tion lighting
Note.
100/110 VAC/VDC
A16L-
∆-T1-2S
200/220 VAC/VDC
A16L-
∆-T2-2S
Symbol
Color
Symbol
Type
Operating
voltage
R
Red
5
Incandescent
5 VAC/VDC
Y
Yellow
12
12 VAC/VDC
G
Green
24
24 VAC/VDC
W
White
5D
LED
5 VDC
A
Blue
12D
12 VAC/VDC
24D
24 VAC/VDC


Similar Part No. - A165L-ARM-12-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165L-ARM-12-2 OMRON-A165L-ARM-12-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results

Similar Description - A165L-ARM-12-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165K OMRON-A165K Datasheet
1Mb / 14P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com