Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6CU-2114P-US Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6CU-2114P-US
Description  Power PCB Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6CU-2114P-US Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6CU-2114P-US Datasheet HTML 1Page - Omron Electronics LLC G6CU-2114P-US Datasheet HTML 2Page - Omron Electronics LLC G6CU-2114P-US Datasheet HTML 3Page - Omron Electronics LLC G6CU-2114P-US Datasheet HTML 4Page - Omron Electronics LLC G6CU-2114P-US Datasheet HTML 5Page - Omron Electronics LLC G6CU-2114P-US Datasheet HTML 6Page - Omron Electronics LLC G6CU-2114P-US Datasheet HTML 7Page - Omron Electronics LLC G6CU-2114P-US Datasheet HTML 8Page - Omron Electronics LLC G6CU-2114P-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
176
Power PCB Relay
G6C
■ Accessories (Order Separately)
Back Connecting Sockets
Note: 1. Not applicable to the self-clinching versions.
The operating current for the socket is 5 A max.
2. Use the G6C(U)-
@@@@P-US-P6C if mounting relays in a P6C Socket.
Specifications
■ Contact Ratings
Note: P level:
λ
60 = 0.1 x 10
–6 operations
■ Coil Data
Non-latching
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
Applicable Relay
Back Connecting Socket (See note 1.)
G6C(U)-1114P-US-P6C
G6C(U)-1117P-US-P6C
G6C(U)-2114P-US-P6C
G6C(U)-2117P-US-P6C
P6C-06P
G6CK-1114P-US-P6C
G6CK-1117P-US-P6C
G6CK-2114P-US-P6C
G6CK-2117P-US-P6C
P6C-08P
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
Item
SPST-NO
SPST-NO+SPST-NC
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Rated load
10 A at 250 VAC;
10A at 30 VDC
5 A at 250 VAC;
5 A at 30 VDC
8 A at 250 VAC;
8A at 30 VDC
3.5 A at 250 VAC;
3.5 A at 30 VDC
Contact material
Ag Alloy (Cd free)
Rated carry current
10 A
8 A
Max. switching voltage
380 VAC, 125 VDC (the case of latching 250 VAC, 125 VDC)
Max. switching current
10 A
8 A
Max. switching capacity
2,500 VA, 300 W
1,250 VA, 220 W
2,000 VA, 240 W
875 VA, 170 W
Min. permissible load
(reference value - see note)
10 mA at 5 VDC
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
67
45
0.078
0.067
70% max.
10% min.
160% max.
at 23
°C
Approx. 200
5
40
125
0.22
0.18
6
33.30
180
0.36
0.29
12
16.70
720
1.32
1.13
24
8.30
2,880
4.96
4.19


Similar Part No. - G6CU-2114P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6CU-2114P-US OMRON-G6CU-2114P-US Datasheet
271Kb / 10P
   Power PCB Relay
G6CU-2114P-US OMRON-G6CU-2114P-US Datasheet
594Kb / 12P
   Power PCB Relay
More results

Similar Description - G6CU-2114P-US

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com