Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22Z-3443B-9 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # A22Z-3443B-9
Description  Specifications Common to All
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3443B-9 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button A22Z-3443B-9 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3443B-9 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3443B-9 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3443B-9 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3443B-9 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3443B-9 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3443B-9 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3443B-9 Datasheet HTML 9Page - Omron Electronics LLC A22Z-3443B-9 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
35
A22N-jjj
12 3
Code Material
P
Plastic
M
Metal
Code Shape
X
Shield
R
Rectangular
S
Square
A22N-PRj
A22N-PSj
A22N-PXj
A22N-MRj
A22N-PE
J
NAMEPLATE NOMENCLATURE
Note: To complete the part number of the stan-
dard nameplates, select the plate type and
add the number from the table below.
Example: Plastic Square Nameplate en-
graved “Reset” A22N-PS38
1
AUTO
30
ON
106
HIGH-LOW
150
AUTO-MAN-
OFF
175
START-JOG-STOP
2
CLOSE
31
OPEN
107
INCH-REVERSE
151
AUTO-OFF-HAND
176
START-RUN-STOP
3
CYCLE START
32
OUT
108
JOG-FOR
152
AUTO-OFF-MAN
177
UP-OFF-DOWN
4
CYCLE STOP
33
POWER ON
109
JOG-REV
153
CLOSE-OFF-OPEN
178
1-OFF-2
5
DECREASE
34
PULL TO START
110
JOG-RUN
154
DOWN-OFF-SLOW
179
HAND-OFF-AUTO
6
DOWN
35
PUSH TO TEST
111
LEFT-RUN
155
FAST-OFF-SLOW
180
7
EMERG.STOP (red)
36
PUSH TO STOP
112
LOWER-RAISE
156
FOR-OFF-REV
181
8
FAST
37
RAISE
113
MAN-AUTO
157
FOR-STOP-REV
182
9
FAULT
38
RESET
114
OFF-ON
158
HIGH-LOW-OFF
183
10
FEED
39
REVERSE
115
ON-OFF
159
HIGH-OFF-LOW
184
11
FEED START
40
RIGHT
116
OPEN-CLOSE
160
JOG-SAFE-RUN
185
12
FEED STOP
41
RUN
117
RAISE-LOWER
161
JOG-STOP-RUN
186
13
FLUID LEVEL LOW
42
SLOW
118
REV-FOR
162
LEFT-OFF-RIGHT
187
I-II-III
14
FORWARD
43
SPEED
119
RUN-INCH
163
LOC-OFF-REMOTE
188
III
15
FULL SPEED
44
START
120
RUN-JOG
164
LOW-OFF-HIGH
190
60 MM E-STOP
16
HAND
45
STOP
121
RUN-SAFE
165
LOWER-
OFF-RAISE
191
90 MM E-STOP
17
HIGH
46
TEST
122
SAFE-RUN
166
OFF COOLANT ON
200
BLANK
NAMEPLATE
18
IN
47
UP
123
SLOW-FAST
167
OFF-LOC-REMOTE
200E
SPECIAL
ENGRAVING
19
INCH
48
1ST SPEED
124
START-JOG
168
OFF-MAN-AUTO
20
INCREASE
49
2ND SPEED
125
START-STOP
169
OFF-SLOW-FAST
21
JOG
50
3RD SPEED
126
STOP-START
170
OFF-1-2
22
JOG FORWARD
51
4TH SPEED
127
SUMMER-WINTER
171
OPEN-OFF-CLOSE
23
LEFT
100
AUTO-MAN
128
UP-DOWN
172
RAISE-OFF-
LOWER
24
LOW
101
CLOSE-OPEN
173
SLOW-OFF-FAST
25
LOW SPEED
102
DOWN-UP
174
SLOW-OFF-START
26
LOWER
103
FAST-SLOW
27
MOTOR RUN
104
FOR-REV
28
MOTOR STOP
105
HAND-AUTO
29
OFF
Note: All plastic name plates are adhesive backed, contain beveled edges and are supplied standard with white lettering on black back-
ground. Any deviation from items listed here will be a special order. Contact Omron.


Similar Part No. - A22Z-3443B-9

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3460 OMRON-A22Z-3460 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-1 OMRON-A22Z-3460-1 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-2 OMRON-A22Z-3460-2 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-3 OMRON-A22Z-3460-3 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-4 OMRON-A22Z-3460-4 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
More results

Similar Description - A22Z-3443B-9

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS112 OMRON-A22N-PS112 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS188 OMRON-A22N-PS188 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
   All specifications are subject to change without notice.
C3225X7R2E104K TDK-C3225X7R2E104K Datasheet
132Kb / 1P
   All specifications are subject to change without notice
CKG57NX5R1H226M TDK-CKG57NX5R1H226M Datasheet
133Kb / 1P
   All specifications are subject to change without notice
C2012X7R1E225K TDK-C2012X7R1E225K Datasheet
132Kb / 1P
   All specifications are subject to change without notice.
logo
Linear Technology
LTC2230 LINER-LTC2230 Datasheet
695Kb / 28P
   Electrical Specifications Subject to Change
logo
NEC
78K NEC-78K Datasheet
644Kb / 129P
   Common to 78K/0 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com