Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE-SX871R2M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # EE-SX871R2M
Description  Photomicrosensor with Slim Cable (Non-modulated)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX871R2M Datasheet(HTML) 5 Page - Omron Electronics LLC

  EE-SX871R2M Datasheet HTML 1Page - Omron Electronics LLC EE-SX871R2M Datasheet HTML 2Page - Omron Electronics LLC EE-SX871R2M Datasheet HTML 3Page - Omron Electronics LLC EE-SX871R2M Datasheet HTML 4Page - Omron Electronics LLC EE-SX871R2M Datasheet HTML 5Page - Omron Electronics LLC EE-SX871R2M Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EE-SX77/87
5
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Vinyl-insulated round cable
of 2.4 dia., 3 cores,
(0.08 mm2 with 0.7-mm dia.
insulator);
Standard length: 2 m
18
5
2.9
9
22.1
5 dia.
6.2
4
0.3
0.7
0.3
12
Optical axis
Optical axis
Two 6 dia.
Indicator window
2,000
+50
0
0.45
Two, 3.2
dia. holes
1
Standard
EE-SX770/770P
EE-SX870/870P
EE-SX770A/770R
EE-SX870A/870R
Indicator window
Optical axis
Six, R3
Four,
R1.6
18
12
2
7.8
21
5 dia.
4
4
4.6
13
4.3
2,000
+50
0
Vinyl-insulated round cable
of 2.4 dia., 3 cores,
(0.08 mm2 with 0.7-mm dia. insulator);
Standard length: 2 m
0.7
1
0.45
Optical axis
12
5
2.9
9
0.3
0.3
4
L-shaped
EE-SX771/771P
EE-SX871/871P
EE-SX771A/771R
EE-SX871A/871R
Indicator window
Vinyl-insulated round cable of
2.4 dia., 3 cores,
(0.08 mm2 with 0.7-mm dia. insulator);
Standard length: 2 m
Optical
axis
Optical
axis
Two, R3
Four,
R1.6
12
12
5
2.9
12.3
9
22.1
5 dia.
12.3
3.3
4 19.1
4.3
2,000
+50
0
0.7
0.45
1
T-shaped
EE-SX772/772P
EE-SX872/872P
EE-SX772A/772R
EE-SX872A/872R


Similar Part No. - EE-SX871R2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX871R2M OMRON-EE-SX871R2M Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable
More results

Similar Description - EE-SX871R2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX675 OMRON-EE-SX675 Datasheet
470Kb / 9P
   Slot-type Photomicrosensor (Non-modulated)
EE-SX771A OMRON-EE-SX771A Datasheet
424Kb / 6P
   Photomicrosensor with Slim Cable
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
   Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
   Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
   Slot-type Photomicrosensor with Cable
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
   Photomicrosensor
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
   Photomicrosensor
EE-SPY415 ETC1-EE-SPY415 Datasheet
214Kb / 3P
   Photomicrosensor
logo
Omron Electronics LLC
EE-SA401-P2 OMRON-EE-SA401-P2 Datasheet
129Kb / 3P
   Photomicrosensor
EE-SY671 OMRON-EE-SY671 Datasheet
430Kb / 7P
   Reflective Photomicrosensor with Sensitivity Adjuster
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com