Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6JU-2FS-Y Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6JU-2FS-Y
Description  Surface-mounting Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6JU-2FS-Y Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6JU-2FS-Y Datasheet HTML 1Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 2Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 3Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 4Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 5Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 6Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 7Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 8Page - Omron Electronics LLC G6JU-2FS-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
44
Surface-mounting Relay
G6J-Y
Specifications
■ Contact Data
Note: This value was measured at a switching frequency of 120 operations/min and the criterion of contact resistance is 5% of the load impedance.
This value may vary depending on the operating frequency, operating conditions, expected reliability level of the relay, etc. Always double-
check relay suitability under actual load conditions.
■ Coil Data
G6J-Y Standard, Non-latching (G6J-2P-Y, G6J-2FS-Y, G6J-2FL-Y)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the Relay coil instantaneously.
G6JU-Y Single coil, Latching (G6JU-2P-Y, G6JU-2FL-Y, G6JU-2FS-Y)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the Relay coil instantaneously.
Rated load
0.3 A @ 125 VAC
1 A @ 30 VDC
Contact material
Ag (Au Clad)
Max. carry current
1 A
Max. operating voltage
125 VAC, 110 VDC
Max. operating current
1 A
Max. switching capacity
37.5 VA, 30 W
Min. permissible load (see note)
10m VDC, 10
μA
Rated voltage
(VDC)
Rated current
(mA)
Coil resistance
(
Ω)
Pick-up voltage
Drop-out
voltage
Max. voltage
Power
consumption (mW)
% of rated voltage
3
48.0
62.5
75% max.
10% min.
150% max.
140
4.5
32.6
137.9
5
28.9
173.1
12
12.3
976.8
24
9.2
2,600.5
230
Rated voltage
(VDC)
Rated current
(mA)
Coil resistance
(
Ω)
Set voltage
Reset voltage
Max. voltage
Power
consumption (mW)
% of rated voltage
3
33.7
89.0
75% max.
75% max.
150% max.
100
4.5
22.0
204.3
5
20.4
245.5
12
9.0
1,329.2


Similar Part No. - G6JU-2FS-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-Y OMRON-G6JU-2FS-Y Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results

Similar Description - G6JU-2FS-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6J-Y OMRON-G6J-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6J-2FS-Y-TRDC45 OMRON-G6J-2FS-Y-TRDC45 Datasheet
346Kb / 12P
   Surface-mounting Relay
G6J2PYDC12 OMRON-G6J2PYDC12 Datasheet
346Kb / 12P
   Surface-mounting Relay G6J-Y
logo
List of Unclassifed Man...
G6SU212DC ETC2-G6SU212DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY-G6S
G6SU2F5DC ETC2-G6SU2F5DC Datasheet
1Mb / 9P
   SURFACE-MOUNTING SIGNAL RELAY - G6S
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Tyco Electronics
V23154 MACOM-V23154 Datasheet
357Kb / 9P
   Cradle Relay Accessories and Mounting
logo
Shindengen Electric Mfg...
D1UBA80 SHINDENGEN-D1UBA80 Datasheet
418Kb / 4P
   Surface Mounting Device
logo
Lumins Inc.
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
logo
List of Unclassifed Man...
5406AD ETC1-5406AD Datasheet
770Kb / 5P
   Surface Mounting LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com