Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22Z-3443B-5 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A22Z-3443B-5
Description  Specifications Common to All
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3443B-5 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A22Z-3443B-5 Datasheet HTML 1Page - Omron Electronics LLC A22Z-3443B-5 Datasheet HTML 2Page - Omron Electronics LLC A22Z-3443B-5 Datasheet HTML 3Page - Omron Electronics LLC A22Z-3443B-5 Datasheet HTML 4Page - Omron Electronics LLC A22Z-3443B-5 Datasheet HTML 5Page - Omron Electronics LLC A22Z-3443B-5 Datasheet HTML 6Page - Omron Electronics LLC A22Z-3443B-5 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3443B-5 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3443B-5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
33
(continued from previous page)
Item
Appearance
Classification
Remarks
Part number
Lock fitting
Round
The body is equipped with a
Lock Fitting. This Lock Fitting is
used when a more secure lock
feature is required.
A22Z-3360
Metallic bezel rings
For flush or projection models Replace with the standard
model.
A22Z-3580
For full-guard models
model.
Material: nickel-plated zinc
A22Z-3582
Sealing caps
For flush models
Used to prevent dust or water
from entering the Operational
A22Z-3600F
For extended models
from entering the Operational
Unit.
Color: opaque
A22Z-3600T
For full-guard models
Color: opaque
Material: silicon
A22Z-3600G
Color lenses
Red
Used for changing the Opera-
i
l U i
l
f h P hb
A22Z-30TR
Green
g g
p
tional Unit color of the Pushbut-
ton Switch
A22Z-30TG
Yellow
ton Switch.
A22Z-30TY
White
A22Z-30TW
Blue
A22Z-30TA
Three-throw spacers
For Pushbutton Switches
Used when mounting three Non-
Illuminated Switch Units.
Cannot be used with Illuminated
Emergency Stop Switches.
A22Z-3003
Hole plug
Round
Can be plugged into pre-cut
panel holes for future expan-
sion. The color is black.
A22Z-3550
25 mm-dia. ring
25 mm ring
Canbefit intoa25mm-dia.
hole in the panel. Since this is
not attached to the main body,
order separately.
A22Z-R25
Snap-in
l
d
Standard
i
Without text
Black
Attached to the Standard-size
L
d Pl
F
A22Z-3443B
p
legend
plates
size
Red
Legend Plate Frame.
A22Z-3443R
plates
White
Material: Acrylic
A22Z-3443W
Transparent
A22Z-3443C
White text on
red back
f
A22Z-3443R-2
red back-
ground
STOP
A22Z-3443R-4
White text on
bl k b k
|
A22Z-3443B-1
black back-
ground
START
A22Z-3443B-3
ground
ON
A22Z-3443B-5
OFF
A22Z-3443B-6
UP
A22Z-3443B-7
DOWN
A22Z-3443B-8
POWER ON
A22Z-3443B-9
OFF-ON
A22Z-3443B-10
Large
i
Without text
Black
Attached to the Large-size Leg-
d Pl
F
A22Z-3453B
g
size
Red
g
g
end Plate Frame
A22Z-3453R
White
Material: Acrylic
A22Z-3453W
Transparent
A22Z-3453C
For
Emer-
gency
St
60-dia. round plate with black
letters on a yellow back-
ground
“EMERGENCY STOP” is
engraved on the plate. Used as
an Emergency Stop Switch
L
d Pl t
A22Z-3466-1
g
y
Stop
Switch
90-dia. round plate with black
letters on a yellow back-
ground
g
y
p
Legend Plate.
A22Z-3476-1
(This table continues on the next page.)


Similar Part No. - A22Z-3443B-5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3460 OMRON-A22Z-3460 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-1 OMRON-A22Z-3460-1 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-2 OMRON-A22Z-3460-2 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-3 OMRON-A22Z-3460-3 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
A22Z-3460-4 OMRON-A22Z-3460-4 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
More results

Similar Description - A22Z-3443B-5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS112 OMRON-A22N-PS112 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS188 OMRON-A22N-PS188 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
   All specifications are subject to change without notice.
C3225X7R2E104K TDK-C3225X7R2E104K Datasheet
132Kb / 1P
   All specifications are subject to change without notice
CKG57NX5R1H226M TDK-CKG57NX5R1H226M Datasheet
133Kb / 1P
   All specifications are subject to change without notice
C2012X7R1E225K TDK-C2012X7R1E225K Datasheet
132Kb / 1P
   All specifications are subject to change without notice.
logo
Linear Technology
LTC2230 LINER-LTC2230 Datasheet
695Kb / 28P
   Electrical Specifications Subject to Change
logo
NEC
78K NEC-78K Datasheet
644Kb / 129P
   Common to 78K/0 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com