Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22L-TR-12A-11M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22L-TR-12A-11M
Description  Pushbutton Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22L-TR-12A-11M Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22L-TR-12A-11M Datasheet HTML 1Page - Omron Electronics LLC A22L-TR-12A-11M Datasheet HTML 2Page - Omron Electronics LLC A22L-TR-12A-11M Datasheet HTML 3Page - Omron Electronics LLC A22L-TR-12A-11M Datasheet HTML 4Page - Omron Electronics LLC A22L-TR-12A-11M Datasheet HTML 5Page - Omron Electronics LLC A22L-TR-12A-11M Datasheet HTML 6Page - Omron Electronics LLC A22L-TR-12A-11M Datasheet HTML 7Page - Omron Electronics LLC A22L-TR-12A-11M Datasheet HTML 8Page - Omron Electronics LLC A22L-TR-12A-11M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
A22
A22
2
Model Number Legend (Completely Assembled)
Shipped as a set which includes the Operational Unit, LED (lighted type only), and Switch Unit.
A22
j-jj-j-jj
12
3
4
5
6
1 Lighted/Non-lighted
Code
Description
None Non-lighted
L
Lighted
2 Flange Shape
Code
Description
F
Round/Flat
T
Round/Projection
G
Round/Full-guard
H
Round/Half-guard
C
Square/Projection
D
Square/Full-guard
S
Round/Mushroom (30-dia. head)
M
Round/Mushroom (40-dia. head)
Lighted
T
Round/Projection
G
Round/Full-guard
H
Round/Half-guard
C
Square/Projection
D
Square/Full-guard
Non-lighted
3 Illumination Color
Code
Description
R
Red
G
Green
Y
Yellow
W
White
A
Blue
B
Black (for non-lighted type only)
4 Light Source
Code
Rated Voltage
6D
LED
6 VDC
6A
6 VAC
12A
12 VAC/DC
24A
24 VAC/DC
With Transformer
T1
LED
110 VAC*1
T2
220 VAC*2
Without Transformer
Note:
The LED lamp (24 VAC/DC) can be lit
by directly applying 110 VAC/DC
(220 VAC/DC) to the lamp terminal.
LED incorporates the 24-VAC/DC
type.
5 Contacts
Code
Description
10
SPST-NO
01
SPST-NC
11
SPST-NO + SPST-NC
20
DPST-NO
02
DPST-NC
Note:
Refer to page 48 for contact
ratings.
6 Switch Action
Code
Description
M
Momentary
A
Latching
*1) Operational voltage: 95 to 115 VAC
*2) Operational voltage: 190 to 230 VAC
Pushbutton Switch (Completely Assembled)
Non-lighted (Round Type)
Appearance
Output
Momentary operation
(self-resetting)
Latching operation
(self-holding)
Illumination color
Flat type
SPST-NO
A22-F
j-10M
A22-F
j-10A
Insert one of the
fll
i
ltt
i t th
ay e
SPST-NC
A22-F
j-01M
A22-F
j-01A
se o e o
e
following letters into the
box
j
SPST-NO + SPST-NC
A22-F
j-11M
A22-F
j-11A
box
j.
R (red)
A22-F
DPST-NO
A22-F
j-20M
A22-F
j-20A
R (red)
Y (yellow)
A22-F
DPST-NC
A22-F
j-02M
A22-F
j-02A
Y (yellow)
G (green)
W (white)
Round/Projection type
SPST-NO
A22-T
j-10M
A22-T
j-10A
(g
)
W (white)
A (blue)
ou d/
ojec o
y e
SPST-NC
A22-T
j-01M
A22-T
j-01A
A (blue)
B (black)
SPST-NO + SPST-NC
A22-T
j-11M
A22-T
j-11A
B (black)
A22-T
DPST-NO
A22-T
j-20M
A22-T
j-20A
A22-T
DPST-NC
A22-T
j-02M
A22-T
j-02A
Round/Full-guard type
SPST-NO
A22-G
j-10M
A22-G
j-10A
ou d/ u gua d y e
SPST-NC
A22-G
j-01M
A22-G
j-01A
SPST-NO + SPST-NC
A22-G
j-11M
A22-G
j-11A
A22-G
DPST-NO
A22-G
j-20M
A22-G
j-20A
A22-G
DPST-NC
A22-G
j-02M
A22-G
j-02A


Similar Part No. - A22L-TR-12A-11M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22L-01M OMRON-A22L-01M Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22L-01M-T1 OMRON-A22L-01M-T1 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22L-01M-T2 OMRON-A22L-01M-T2 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22L-02M OMRON-A22L-02M Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
A22L-02M-T1 OMRON-A22L-02M-T1 Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
More results

Similar Description - A22L-TR-12A-11M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
   Pushbutton Switch
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
   Backlit Pushbutton Switch
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
logo
E-SWITCH
WBL E-SWITCH-WBL Datasheet
955Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCH
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
   ASSEMBLY-PUSHBUTTON SWITCH
4PB642 HONEYWELL-ACC-4PB642 Datasheet
186Kb / 1P
   ASSEMBLY, PUSHBUTTON SWITCH
logo
Honeywell Solid State E...
2PB732-T2 HONEYWELL-2PB732-T2 Datasheet
55Kb / 1P
   ASSEMBLY - PUSHBUTTON SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com