Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24CS128-10PI-2.7 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24CS128-10PI-2.7
Description  2-Wire Serial EEPROMs with Permanent Software Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS128-10PI-2.7 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24CS128-10PI-2.7 Datasheet HTML 1Page - ATMEL Corporation AT24CS128-10PI-2.7 Datasheet HTML 2Page - ATMEL Corporation AT24CS128-10PI-2.7 Datasheet HTML 3Page - ATMEL Corporation AT24CS128-10PI-2.7 Datasheet HTML 4Page - ATMEL Corporation AT24CS128-10PI-2.7 Datasheet HTML 5Page - ATMEL Corporation AT24CS128-10PI-2.7 Datasheet HTML 6Page - ATMEL Corporation AT24CS128-10PI-2.7 Datasheet HTML 7Page - ATMEL Corporation AT24CS128-10PI-2.7 Datasheet HTML 8Page - ATMEL Corporation AT24CS128-10PI-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AT24CS128/256
4
Notes:
1. This parameter is characterized and is not 100% tested.
2. AC measurement conditions:
R
L (connects to VCC): 1.3KΩ (2.7V, 5V), 10KΩ (1.8V)
Input pulse voltages: 0.3V
CC to 0.7VCC
Input rise and fall times:
≤50ns
Input and output timing reference voltages: 0.5V
CC
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is nor-
mally pulled high with an external device. Data on the SDA
pin may change only during SCL low time periods (refer to
Data Validity timing diagram). Data changes during SCL
high periods will indicate a start or stop condition as defined
below.
START CONDITION: A high-to-low transition of SDA with
SCL high is a start condition which must precede any other
command (refer to Start and Stop Definition timing dia-
gram).
STOP CONDITION: A low-to-high transition of SDA with
SCL high is a stop condition. After a read sequence, the
stop command will place the EEPROM in a standby power
mode (refer to Start and Stop Definition timing diagram).
ACKNOWLEDGE: All addresses and data words are seri-
ally transmitted to and from the EEPROM in 8-bit words.
The EEPROM sends a zero during the ninth clock cycle to
acknowledge that it has received each word.
STANDBY MODE: The AT24CS128/256 features a low
power standby mode which is enabled: a) upon power-up
and b) after the receipt of the STOP bit and the completion
of any internal operations.
MEMORY RESET: After an interruption in protocol, power
loss or system reset, any 2-wire part can be reset by follow-
ing these steps: (a) Clock up to 9 cycles, (b) look for SDA
high in each cycle while SCL is high and then (c) create a
start condition as SDA is high.
AC Characteristics
Applicable over recommended operating range from T
A = -40°C to +85°C, VCC = +1.8V to +5.5V, CL = 100 pF (unless oth-
erwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.8-volt
2.7-volt
5.0-volt
Units
MinMax
MinMax
MinMax
f
SCL
Clock Frequency, SCL
400
1000
1000
kHz
t
LOW
Clock Pulse Width Low
1.3
0.6
0.6
µs
t
HIGH
Clock Pulse Width High
1.0
0.4
0.4
µs
t
AA
Clock Low to Data Out Valid
0.1
0.9
0.05
0.55
0.05
0.55
µs
t
BUF
Time the bus must be free before a new
transmission can start(1)
1.2
0.5
0.5
µs
t
HD.STA
Start Hold Time
0.6
0.25
0.25
µs
t
SU.STA
Start Set-up Time
0.6
0.25
0.25
µs
t
HD.DAT
Data In Hold Time
0
0
0
µs
t
SU.DAT
Data In Set-up Time
100
100
100
ns
t
R
Inputs Rise Time(1)
0.3
0.3
0.3
µs
t
F
Inputs Fall Time(1)
300
100
100
ns
t
SU.STO
Stop Set-up Time
0.6
0.25
0.25
µs
t
DH
Data Out Hold Time
50
50
50
ns
t
WR
Write Cycle Time
20
10
10
ms
Endurance(1)
5.0V, 25°C, Page Mode
100K
100K
100K
Write
Cycles


Similar Part No. - AT24CS128-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
   Factory Programmed 128-bit Serial Number
More results

Similar Description - AT24CS128-10PI-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
   2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com