Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5LA-1A4 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G5LA-1A4
Description  PCB Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LA-1A4 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G5LA-1A4 Datasheet HTML 1Page - Omron Electronics LLC G5LA-1A4 Datasheet HTML 2Page - Omron Electronics LLC G5LA-1A4 Datasheet HTML 3Page - Omron Electronics LLC G5LA-1A4 Datasheet HTML 4Page - Omron Electronics LLC G5LA-1A4 Datasheet HTML 5Page - Omron Electronics LLC G5LA-1A4 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PCB Relay
G5LA
185
PCB Relay
G5LA
A Cubic, Single-pole 10A Power Relay
• Economical cube relay with universal terminal footprint
• Conforms to VDE0435, CQC
• UL recognized/ CSA certified.
• High switching power: 10A @ 250VAC
• Withstands impulse of up to 4,500V
• Coil power consumption: 360mW
• UL Class F coil insulation type also available
• Tracking resistance: CTI>250
• RoHS Compliant
Ordering Information
■ Model Number Legend
1. Number of Poles
1:
1 pole
2. Contact Form
None: SPDT
A:
SPST-NO
3. Enclosure Ratings
None: flux protection
4:
fully sealed
4. Type
None: Standard
E:
High Capacity (SPDT only)
5. Insulation Class
None: Class A
CF:
Class F
6. Rated Coil Voltage
5, 9, 12, 24, or 48
Type
Contact form
Enclosure ratings
Model
Standard
SPST-NO (Class A)
Flux protection
G5LA-1A
Sealed
G5LA-1A4
SPST-NO (Class F)
Flux protection
G5LA-1A-CF
Sealed
G5LA-1A4-CF
SPDT (Class A)
Flux protection
G5LA-1
Sealed
G5LA-14
SPDT (Class F)
Flux protection
G5LA-1-CF
Sealed
G5LA-14-CF
High-capacity
SPDT (Class A)
Flux protection
G5LA-1-E
Sealed
G5LA-14-E
SPDT (Class F)
Flux protection
G5LA-1-E-CF
Sealed
G5LA-14-E-CF
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G5LA-1 DC12
G5LA-
@ @ @ - @ - @ DC @
12
3
4
5
6


Similar Part No. - G5LA-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LA-1A4 OMRON-G5LA-1A4 Datasheet
351Kb / 8P
   PCB Relay
logo
List of Unclassifed Man...
G5LA-1A4 ETC2-G5LA-1A4 Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA-1A4 OMRON-G5LA-1A4 Datasheet
269Kb / 6P
   PCB Relay
G5LA-1A4 OMRON-G5LA-1A4 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-1A4 OMRON-G5LA-1A4 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
More results

Similar Description - G5LA-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com