Electronic Components Datasheet Search |
|
CP1E-N40DT1-A Datasheet(PDF) 8 Page - Omron Electronics LLC |
|
CP1E-N40DT1-A Datasheet(HTML) 8 Page - Omron Electronics LLC |
8 / 44 page CP1E-E @@D@-@ CP1E-N@@D@-@/NA20D@-@ 8 General Specifications * 1 Total of 110 mm with mounting brackets. * 2 Excluding cables. * 3 Use the external power supply to power input devices. Do not use it to drive output devices. * 4 This is the rated value for the maximum system configuration. Use the following formula to calculate power consumption for CPU Units with DC power. Formula: DC power consumption = (5V current consumption ✕ 5 V/70% (internal power efficiency) + 24V current consumption) ✕ 1.1(current fluctuation factor) The above calculation results show that a DC power supply with a greater capacity is required. Type AC power supply models DC power supply models Model CP1E- @@@D@-A CP1E- @@@D@-D Enclosure Mounted in a panel Dimensions (H × D × W) CPU Unit with 10 I/O points (CP1E-E10D @-@): 90mm *1 ×85mm *2 × 66 mm CPU Unit with 14 or 20 I/O points (CP1E- @14D@-@/@20D@-@): 90mm *1 × 85mm *2 × 86 mm CPU Unit with 30 I/O points (CP1E- @30D@-@): 90mm *1 × 85mm *2 × 130 mm CPU Unit with 40 I/O points (CP1E- @40D@-@): 90mm *1 × 85mm *2 × 150 mm CPU Unit with 60 I/O points (CP1E-N60D @-@): 90mm *1 ×85mm *2 × 195 mm CPU Unit with 20 I/O points and built-in analog (CP1E-NA20D @-@): 90mm *1 ×85mm *2 × 130 mm Weight CPU Unit with 10 I/O points (CP1E-E10D @-@): 300g max. CPU Unit with 14 I/O points (CP1E- @14D@-@): 360g max. CPU Unit with 20 I/O points (CP1E- @20D@-@): 370g max. CPU Unit with 30 I/O points (CP1E- @30D@-@): 600g max. CPU Unit with 40 I/O points (CP1E- @40D@-@): 660g max. CPU Unit with 60 I/O points (CP1E-N60D @-@): 850g max. CPU Unit with 20 I/O points and built-in analog (CP1E-NA20D @-@): 680g max. Electrical specifications Supply voltage 100 to 240 VAC 50/60 Hz 24 VDC Operating voltage range 85 to 264 VAC 20.4 to 26.4 VDC Power consumption 15 VA/100 VAC max. 25 VA/240 VAC max. (CP1E-E10D @-A/@14D@-A/@20D@-A) 9 W max. (CP1E-E10D @-D) 13 W max. (CP1E-N14D @-D/N20D@-D) 50 VA/100 VAC max. 70 VA/240 VAC max. (CP1E-NA20D @-A/@30D@-A/@40D@-A/N60D@-A) 20 W max. (CP1E-NA20D @-D/N30D@-D/N40D@-D/N60D@-D) *4 Inrush current 120 VAC, 20 A for 8 ms max. for cold start at room temperature 240 VAC, 40 A for 8 ms max. for cold start at room temperature 24 VDC, 30 A for 20 ms max. for cold start at room temperature External power supply *3 Not provided. (CP1E-E10D @-A/@14D@-A/@20D@-A) 24 VDC, 300 mA (CP1E-NA20D @-A/@30D@-A/@40D@-A/N60D@-A) Not provided Insulation resistance 20 M Ω min. (at 500 VDC) between the external AC terminals and GR terminals Except between DC primary current and DC secondary current Dielectric strength 2,300 VAC 50/60Hz for 1 min between AC external and GR terminals Leakage current: 5 mA max. Except between DC primary current and DC secondary current Power OFF detection time 10 ms min. 2 ms min. Application environment Ambient operating temperature 0 to 55 °C Ambient humidity 10% to 90% Atmosphere No corrosive gas. Ambient storage temperature -20 to 75 °C (excluding battery) Altitude 2,000 m max. Pollution degree 2 or less: Conforms to JIS B3502 and IEC 61131-2. Noise resistance 2 kV on power supply line (Conforms to IEC61000-4-4.) Overvoltage category Category II: Conforms to JIS B3502 and IEC 61131-2. EMC Immunity Level Zone B Vibration resistance Conforms to JIS 60068-2-6. 5 to 8.4 Hz with 3.5-mm amplitude, 8.4 to 150 Hz Acceleration of 9.8 m/s2 for 100 min in X, Y, and Z directions (10 sweeps of 10 min each = 100 min total) Shock resistance Conforms to JIS 60068-2-27. 147 m/s2, 3 times in X, Y, and Z directions Terminal block Fixed (not removable) Terminal screw size M3 Applicable standards Conforms to EC Directive Grounding method Ground to 100 Ω or less. |
Similar Part No. - CP1E-N40DT1-A |
|
Similar Description - CP1E-N40DT1-A |