Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2RL-1A4 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2RL-1A4
Description  PCB Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RL-1A4 Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2RL-1A4 Datasheet HTML 1Page - Omron Electronics LLC G2RL-1A4 Datasheet HTML 2Page - Omron Electronics LLC G2RL-1A4 Datasheet HTML 3Page - Omron Electronics LLC G2RL-1A4 Datasheet HTML 4Page - Omron Electronics LLC G2RL-1A4 Datasheet HTML 5Page - Omron Electronics LLC G2RL-1A4 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
224
PCB Relay
G2RL
Engineering Data
Note: Contact your OMRON representative for the data on fully sealed models.
Ambient temperature (
°C)
G2RL-1A, G2RL-1
G2RL-1A-E, G2RL-1-E
Note: The maximum coil voltage refers to the maximum
value in a varying range of operating power
voltage, not a continuous voltage.
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500 1,000
AC resistive load
DC resistive
load
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500 1,000
AC resistive load
DC resistive
load
Switching voltage (V)
50
10
5
1
0.5
0.1
0
5
10
20 30 50
100
500 1,000
AC resistive load
DC resistive
load
250
200
150
100
50
0
10
20
30
40
50
60
70
80
90 100
180
130
85
Ambient temperature (
°C)
100
90
80
70
60
50
40
30
20
10
060
40
20
80
100
120
Must operate voltage
Must release voltage
max.
min.
max.
min.
Sample: G2RL-14-E 24 VDC
Quantity: 5
Ambient temperature (
°C)
G2RL-2A, G2RL-2
G2RL-1A-E, G2RL-1-E
G2RL-1A, G2RL-1
G2RL-1A-H, G2RL-1-H
AC resistive load
DC resistive
load
Switching voltage (V)
G2RL-1A-H, G2RL-1-H
G2RL-2A, G2RL-2
■ Ambient Temperature
vs Rated Carry Current
■ Maximum Switching Capacity
■ Ambient Temperature
vs Maximum Coil Voltage
■ Ambient Temperature vs
Must Operate and
Must Release Voltages
Z
Z'
Shock direction
Y
Y'
XX'
Z'
Z
Y
Y'
X'
X
1,000
1,000
1,000
1,000
1,000
1,000
NC contact
150
NO contact
Unit: m/s
2
Z
Z'
Shock direction
Y
Y'
XX'
Z'
Z
Y
Y'
X'
X
1,000
1,000
1,000
1,000
1,000
1,000
NC contact
130
NO contact
Unit: m/s
2
G2RL-1 (A)-E
Sample:
G2RL-14 DC12V
Number of Relays: 5pcs
Conditions:
Shock is applied in ±X,±Y,±Z
directions three times each
with and without energizing the
Relays to check the number of
malfunctions.
Requirement:
None malfunction 100m/s
2
Sample:
G2RL-24 DC12V
Number of Relays: 5pcs
Conditions:
Shock is applied in ±X,±Y,±Z
directions three times each
with and without energizing the
Relays to check the number of
malfunctions.
Requirement:
None malfunction 100m/s
2
G2RL-2 (A)
■ Shock Malfunction


Similar Part No. - G2RL-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL-1A4 OMRON-G2RL-1A4 Datasheet
946Kb / 8P
   PCB Relay
G2RL-1A4 OMRON-G2RL-1A4 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1A4 OMRON-G2RL-1A4 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1A4 OMRON-G2RL-1A4 Datasheet
182Kb / 6P
   High Capacity, Low Profile Relay
G2RL-1A4 OMRON-G2RL-1A4 Datasheet
513Kb / 6P
   A Power Relay with Various Models
More results

Similar Description - G2RL-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com