Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E39-L42 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E39-L42
Description  Special-Purpose Photoelectric Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L42 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E39-L42 Datasheet HTML 1Page - Omron Electronics LLC E39-L42 Datasheet HTML 2Page - Omron Electronics LLC E39-L42 Datasheet HTML 3Page - Omron Electronics LLC E39-L42 Datasheet HTML 4Page - Omron Electronics LLC E39-L42 Datasheet HTML 5Page - Omron Electronics LLC E39-L42 Datasheet HTML 6Page - Omron Electronics LLC E39-L42 Datasheet HTML 7Page - Omron Electronics LLC E39-L42 Datasheet HTML 8Page - Omron Electronics LLC E39-L42 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
E3C
E3C
2
Shape
Fits 1/16 DIN
For S3D8
Miniature
Slim, prewired
panel cutout
controller
Supply voltage
100 to 240 VAC, 50/60 Hz
12 to 24 VDC
Output
Relay and NPN solid-state
NPN and PNP
NPN
PNP
NPN
PNP
solid-state
solid-state
solid-state
Timer functions
ON-delay
40 ms OFF-delay
OFF-delay
One-shot
Mounting style
Socket (included)
Track
Socket Track
(order separately)
Part number
E3C-A
E3C-C
E3C-WH4F
E3C-GE4
E3C-GF4
E3C-JC4P
E3C-JB4P
Special-Purpose Photoelectric Sensors
E3C
Miniature Sensors with Separate
Amplifiers Fit Tight Spaces
s Fast, 1 ms response time
s Light incident indicator on sensor
s Dust-resistant flat lens surface
s New, thin side view model
s Prewired sensors have 2 m (6.56 ft) cable
s Amplifier with built-in ON-, OFF- and one-
shot delays available
s New prewired DC amplifier designed for
track mounting has alarm output to signal
unstable sensing conditions
s SENSORS
Ordering Information
Through-beam Type
Shape
Sensing distance 10 cm (3.94 in)
20 cm (7.87 in
30 cm (11.81 in)
50 cm (19.69 in)
1 m (3.28 ft)
2 m (6.56 ft)
Part number
E3C-S10
E3C-S20W
E3C-S30W
E3C-S30T
E3C-S50
E3C-1
E3C-2
Diffuse Reflective Type
Shape
Sensing distance
5 cm (1.97 in)
10 cm (3.94 in)
Part number
E3C-DS5W
E3C-DS10
s AMPLIFIERS


Similar Part No. - E39-L42

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L42 OMRON-E39-L42 Datasheet
1Mb / 19P
   Mounting Brackets
E39-L42 OMRON-E39-L42 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
E39-L42 OMRON-E39-L42 Datasheet
1Mb / 17P
   Mounting Brackets
More results

Similar Description - E39-L42

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
logo
Baumer IVO GmbH & Co. K...
G305 IVO-G305 Datasheet
342Kb / 2P
   Special Encoders & Sensors
GCM2K IVO-GCM2K Datasheet
464Kb / 3P
   Special Encoders & Sensors
G080 IVO-G080 Datasheet
281Kb / 2P
   Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
   Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
   Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
   Special Encoders & Sensors
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com