Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E2E-X3D2-M1G Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E2E-X3D2-M1G
Description  Standard Proximity Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X3D2-M1G Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button E2E-X3D2-M1G Datasheet HTML 3Page - Omron Electronics LLC E2E-X3D2-M1G Datasheet HTML 4Page - Omron Electronics LLC E2E-X3D2-M1G Datasheet HTML 5Page - Omron Electronics LLC E2E-X3D2-M1G Datasheet HTML 6Page - Omron Electronics LLC E2E-X3D2-M1G Datasheet HTML 7Page - Omron Electronics LLC E2E-X3D2-M1G Datasheet HTML 8Page - Omron Electronics LLC E2E-X3D2-M1G Datasheet HTML 9Page - Omron Electronics LLC E2E-X3D2-M1G Datasheet HTML 10Page - Omron Electronics LLC E2E-X3D2-M1G Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
E2E
7
Ordering Information
Shielded DC 2-wire Models with No Self-diagnostic Output [Refer to Dimensions on page 29.]
*1. Models with different frequencies are also available. The model number is E2E-X
@D15 (example: E2E-X3D15-N 2M).
*2. Models with a flexible cable are also available. Add "-R" rather than "-N" to the end of the model number (example: E2E-X2D1-R 2M).
*3. The standard stock includes models with a cable length of 5 m. Specify the cable length at the end of the model number. (Example: E2E-X3D1-N 5M)
*4. Refer to page 24 for details.
*5. The residual voltage for models without polarity is 5 V, so use caution concerning the connection load interface conditions (e.g., PLC ON voltage). Refer to page 28.
*6. The standard cable length is 300 mm. Cables with a length of 500 mm and 1 m can also be manufactured.
2-Wire Models
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Polar-
ity
Opera-
tion
mode
Pin
arrangement
Applicable
connector
code *4
Model
M8
M12 Pre-wired Smart-
click Connector Mod-
els (0.3m)
PUR (increased
oil-resistant)
Yes
NO
1: +V, 4: 0 V
H
E2E-X2D1-M1TGJ-U 0.3M
NC
1: +V, 2: 0 V
E2E-X2D2-M1TGJ-U 0.3M
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X2D1-M1TGJ 0.3M
Pre-wired Models
(2 m)
PUR (increased
oil-resistant)
NO
---
---
E2E-X2D1-U 2M
NC
E2E-X2D2-U 2M
PVC (oil-resistant)
NO
E2E-X2D1-N 2M *2*3
NC
E2E-X2D2-N 2M *3
M12 Connector Mod-
els
---
NO
1: +V, 4: 0 V
A
E2E-X2D1-M1G
NC
1: +V, 2: 0 V
D
E2E-X2D2-M1G
M8 Connector Models
---
NO
1: +V, 4: 0 V
I
E2E-X2D1-M3G
NC
1: +V, 2: 0 V
E2E-X2D2-M3G
M12
M12 Pre-wired Smart-
click Connector Mod-
els (0.3m)
PUR (increased
oil-resistant)
Yes
NO
1: +V, 4: 0 V
H
E2E-X3D1-M1TGJ-U 0.3M
NC
1: +V, 2: 0 V
E2E-X3D2-M1TGJ-U 0.3M
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X3D1-M1TGJ 0.3M
Pre-wired Models
(2 m)
PUR (increased
oil-resistant)
NO
---
---
E2E-X3D1-U 2M
NC
E2E-X3D2-U 2M
PVC (oil-resistant)
NO
E2E-X3D1-N 2M *1*2*3
NC
E2E-X3D2-N 2M *3
M12 Connector Mod-
els
---
NO
1: +V, 4: 0 V
A
E2E-X3D1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X3D2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m) *6
PVC (oil-resistant)
Yes
NO
1: +V, 4: 0 V
A
E2E-X3D1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
E2E-X3D2-M1GJ 0.3M
No *5
NO
(3, 4): (+V, 0 V)
C
E2E-X3D1-M1J-T 0.3M
NC
(1, 2): (+V, 0 V)
D
---
M18
M12 Pre-wired Smart-
click Connector Mod-
els (0.3m)
PUR (increased
oil-resistant)
Yes
NO
1: +V, 4: 0 V
H
E2E-X7D1-M1TGJ-U 0.3M
NC
1: +V, 2: 0 V
E2E-X7D2-M1TGJ-U 0.3M
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X7D1-M1TGJ 0.3M
Pre-wired Models
(2 m)
PUR (increased
oil-resistant)
NO
---
---
E2E-X7D1-U 2M
NC
E2E-X7D2-U 2M
PVC (oil-resistant)
NO
E2E-X7D1-N 2M *1*2*3
NC
E2E-X7D2-N 2M *3
M12 Connector Mod-
els
---
NO
1: +V, 4: 0 V
A
E2E-X7D1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X7D2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m) *6
PVC (oil-resistant)
Yes
NO
1: +V, 4: 0 V
A
E2E-X7D1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
E2E-X7D2-M1GJ 0.3M
No *5
NO
(3, 4): (+V, 0 V)
C
E2E-X7D1-M1J-T 0.3M
NC
(1, 2): (+V, 0 V)
D
E2E-X7D2-M1J-T 0.3M
M30
M12 Pre-wired Smart-
click Connector Mod-
els (0.3m)
PUR (increased
oil-resistant)
Yes
NO
1: +V, 4: 0 V
H
E2E-X10D1-M1TGJ-U 0.3M
NC
1: +V, 2: 0 V
E2E-X10D2-M1TGJ-U 0.3M
PVC (oil-resistant)
NO
1: +V, 4: 0 V
G
E2E-X10D1-M1TGJ 0.3M
Pre-wired Models
(2 m)
PUR (increased
oil-resistant)
NO
---
---
E2E-X10D1-U 2M
NC
E2E-X10D2-U 2M
PVC (oil-resistant)
NO
E2E-X10D1-N 2M *1*2*3
NC
E2E-X10D2-N 2M
M12 Connector Mod-
els
---
NO
1: +V, 4: 0 V
A
E2E-X10D1-M1G *1
NC
1: +V, 2: 0 V
D
E2E-X10D2-M1G
M12 Standard Pre-
wired Connector Mod-
els (0.3 m) *6
PVC (oil-resistant)
Yes
NO
1: +V, 4: 0 V
A
E2E-X10D1-M1GJ 0.3M
NC
1: +V, 2: 0 V
D
E2E-X10D2-M1GJ 0.3M
No *5
NO
(3, 4): (+V, 0 V)
C
E2E-X10D1-M1J-T 0.3M
NC
(1, 2): (+V, 0 V)
D
E2E-X10D2-M1J-T 0.3M
2 mm
3 mm
7 mm
10 mm


Similar Part No. - E2E-X3D2-M1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X3D2-M1G OMRON-E2E-X3D2-M1G Datasheet
2Mb / 36P
   Standard Proximity Sensor
E2E-X3D2-M1G OMRON-E2E-X3D2-M1G Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X3D2-M1G OMRON-E2E-X3D2-M1G Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2E-X3D2-M1G OMRON-E2E-X3D2-M1G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X3D2-M1GJ OMRON-E2E-X3D2-M1GJ Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
More results

Similar Description - E2E-X3D2-M1G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-C1C1 OMRON-E2E-C1C1 Datasheet
2Mb / 36P
   Standard Proximity Sensor
logo
celduc-relais
PAB10020 CELDUC-PAB10020 Datasheet
294Kb / 2P
   MINIATURE STANDARD PROXIMITY SENSOR
logo
Omron Electronics LLC
TL-N OMRON-TL-N Datasheet
1Mb / 12P
   Rectangular Standard Proximity Sensor
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com