Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1E-N14DT1-A Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # CP1E-N14DT1-A
Description  The CP1E Package PLCs: Economical, Easy to use, and Efficient
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1E-N14DT1-A Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CP1E-N14DT1-A Datasheet HTML 6Page - Omron Electronics LLC CP1E-N14DT1-A Datasheet HTML 7Page - Omron Electronics LLC CP1E-N14DT1-A Datasheet HTML 8Page - Omron Electronics LLC CP1E-N14DT1-A Datasheet HTML 9Page - Omron Electronics LLC CP1E-N14DT1-A Datasheet HTML 10Page - Omron Electronics LLC CP1E-N14DT1-A Datasheet HTML 11Page - Omron Electronics LLC CP1E-N14DT1-A Datasheet HTML 12Page - Omron Electronics LLC CP1E-N14DT1-A Datasheet HTML 13Page - Omron Electronics LLC CP1E-N14DT1-A Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
10
Item
CP1E-E
@@D@-@
CP1E-N
@@D@-@
CP1E-NA
@@D@-@
Communications
B-type Peripheral USB Port
Conforming to USB 2.0 B type connector
Transmission
distance
5 m max.
Built-in RS-232C port
No built-in RS-232C port
Interface: Conforms to EIA RS-232C.
Communications
method
Half duplex
synchronization
Start-stop
Baud rate
1.2, 2.4, 4.8, 9.6, 19.2, 38.4, 57.6, or 115.2 kbps
Transmission
distance
15 m max.
Supported
protocol
• Host Link
• 1:N NT Link
• No-protocol mode
• Serial PLC Links (master, slave)
• Modbus-RTU Easy Master
Serial Option port
Option Board cannot be mounted.
1 port (Option Board can be mounted only to N30/40/
60 and NA20 CPU Units.)
Mountable
Option Boards
• One RS-232C port: CP1W-CIF01
• One RS-422A/485 port (not isolated): CP1W-CIF11
• One RS-422A/485 port (isolated): CP1W-CIF12
• One Ethernet port: CP1W-CIF41
Communications
method
Depends on Option Board.
synchronization
Depends on Option Board.
Baud rate
1.2, 2.4, 4.8, 9.6, 19.2, 38.4, 57.6, or 115.2 kbps
Compatible
protocols
• Host Link
• 1:N NT Link
• No-protocol mode
• Serial PLC Links (master, slave)
• Modbus-RTU Easy Master
Number of tasks
17
• One cyclic execution task
• One scheduled interrupt task (always interrupt task 1)
• Six input interrupt tasks (interrupt tasks 2 to 7)
• Sixteen high-speed counter interrupt tasks (interrupt tasks 1 to 16)
Maximum subroutine number
128
Maximum jump number
128
Scheduled interrupt tasks
1 interrupt task
Clock
Clock function not included.
The time of error occurrence displays 01-01-01
01:01:01 Sunday
Included.
Accuracy (monthly deviation):
-4.5 min to -0.5 min at ambient temperature of 55oC,
-2.0 min to +2.0 min at ambient temperature of 25oC,
-2.5 min to +1.5 min at ambient temperature of 0oC
Memory
backup
Built-in EEPROM
Ladder programs and parameters are automatically saved to built-in EEPROM
A section of the Data Memory Area can be saved to the built-in EEPROM.
Battery backup With
CP1W-BAT01 Battery
(Sold separately)
Battery cannot be mounted.
CP1W-BAT01 can be used.
Maximum battery service life: 5 years
Backup Time
Guaranteed value (ambient temperature: 55oC):
13,000 hours (approx. 1.5 years)
Effective value (ambient temperature: 25oC):
43,000 hours (approx. 5 years)
CIO Area
Input Bits
1,600 bits (100 words): CIO 0.00 to CIO 99.15 (CIO 00 to CIO 99)
Output Bits
1,600 bits (100 words): CIO 100.00 to CIO 199.15 (CIO 100 to CIO 199)
Serial PLC Link Words
1,440 bits (90 words): CIO 200.00 to CIO 289.15 (words CIO 200 to CIO 289)
Work Area (W)
1,600 bits (100 words): W0.00 to W99.15 (W0 to W99)
Holding Area (H)
800 bits (50 words): H0.00 to H49.15 (H0 to H49)
Bits in this area maintain their ON/OFF status when operating mode is changed.
Auxiliary Area (A)
Read-only: 7,168 bits (448 words) A0 to A447
Read/write: 4,896 bits (306 words) in words A448 to A753
Temporary Relay Area (TR) (TR Area)
16 bits: TR0 to TR15
Timer Area (T)
256 timer numbers (T0 to T255 (separate from counters))
Counter Area (C)
256 counter numbers (C0 to C255 (separate from timers))
Data Memory Area (D)
2 Kwords: D0 to D2047
Of these, 1,500 words can be saved to the backup
memory (built-in EEPROM) using settings in the
Auxiliary Area.
8 Kwords: D0 to D8191
Of these, 7,000 words can be saved to the backup
memory (built-in EEP-ROM) using settings in the
Auxiliary Area
Operating modes
PROGRAM mode: Program execution is stopped.
Preparations can be executed prior to program execution in this mode.
MONITOR mode: Programs are executed.
Some operations, such as online editing, and changes to present values in I/O memory, are
enabled in this mode.
RUN mode: Programs are executed.
This is the normal operating mode.


Similar Part No. - CP1E-N14DT1-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E-N14DT1-A OMRON-CP1E-N14DT1-A Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
More results

Similar Description - CP1E-N14DT1-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E OMRON-CP1E Datasheet
7Mb / 54P
   The CP1E Programmable Controller: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
   The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
   The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
   The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
   The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
   The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
   The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
   The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
   The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com