Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3T-ST13 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3T-ST13
Description  Subminiature Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST13 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3T-ST13 Datasheet HTML 1Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 2Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 3Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 4Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 5Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 6Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 7Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 8Page - Omron Electronics LLC E3T-ST13 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R
Subminiature Photoelectric Sensor
E3T
Omron’s Next Generation of
Sub-miniature Photoelectric Sensors
H
Utilizes Omron’s “Hyper LED” technology
to achieve the industry’s smallest visible
red beam
H
Self-contained sensor ideal for
space-restricted applications
H
“Pin-point” beam for detecting extremely
small objects
H
Offered in both flat and rectangular
body styles
H
Retroreflective model employs Omron’s
Free-Angle Optics technology (FAO) to
detect objects as small as 2 mm dia.
H
Convergent-beam model spot diameter
is 0.15 mm
H
Through-beam model is capable of
sensingdistances of 1meter witha2mm
target diameter
H
CE conformance
H
Robotic cable versions available
(See Note 2, below.)
Ordering Information
J
PHOTOELECTRIC SENSORS
Sensor type
Sensing method
yp
Through-beam
Retroreflective
Diffuse reflective
Convergent-beam
Appearance
Side-view
Flat
Side-view
Flat
Side-view
pp
Sensing distance
1m
500 mm
10 to 200 mm
5to30mm
5to15mm
5to30mm
Part number
Light-ON
NPN E3T-ST11
E3T-FT11
E3T-SR11
E3T-FD11N
E3T-SL11
E3T-SL21
g
PNP E3T-ST13
E3T-FT13
E3T-SR13
E3T-FD13N
E3T-SL13
E3T-SL23
Dark-ON
NPN E3T-ST12
E3T-FT12
E3T-SR12
E3T-FD12N
E3T-SL12
E3T-SL22
PNP E3T-ST14
E3T-FT14
E3T-SR14
E3T-FD14N
E3T-SL14
E3T-SL24
Note: 1. All through-beam models are packaged and sold as pairs (one transmitter and one receiver).
2. E3T sensors are available with robotic cable. To order, add the letter “R” to the end of the part number. Example: E3T-ST11R
3. 5-M cable models are available. To order, add the desigination 5M to the end of the part number. Example: E3T-T11 5M


Similar Part No. - E3T-ST13

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-ST13 OMRON-E3T-ST13 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST132M OMRON-E3T-ST132M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST132M OMRON-E3T-ST132M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-ST13M2M OMRON-E3T-ST13M2M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-ST13

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com