Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3T-ST11 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3T-ST11
Description  Subminiature Photoelectric Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-ST11 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3T-ST11 Datasheet HTML 1Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 2Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 3Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 4Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 5Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 6Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 7Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 8Page - Omron Electronics LLC E3T-ST11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
E3T
E3T
3
Specifications
J
RATINGS/CHARACTERISTICS
Sensing method
Through-beam
Retroreflective
Convergent beam
Diffuse reflective
Shape
Side-view
Flat
Side-view
Flat
Output type
NPN
PNP
NPN
PNP
NPN
PNP
NPN
PNP
NPN
PNP
NPN
PNP
Part number Light-ON
-ST11 -ST13 -FT11
-FT13
-SR11
-SR13
-SL11 -SL13 -SL21 -SL23 -FD11
-FD13
Dark-ON
-ST12 -ST14 -FT12
-FT14
-SR12
-SR14
-SL12 -SL14 -SL22 -SL24 -FD12
-FD14
Sensing distance
1m
(adjustable
aperture is
available)
500 mm
10 to 200 mm
(with the E39-R4)
5to15mm
(50 x 50 mm
Kodak white
card)
5to30mm
(50 x 50 mm
Kodak white
card)
5to30mm
(50 x 50 mm
Kodak white card)
Standard sensing target
2 mm dia. min.
10 mm dia. min.
---
Min. sensing target
(typical)
2 mm dia. min.
2mm dia.
(sensing distance
at 100 mm)
0.15 mm dia. (sensing distance at 10 mm)
Hysteresis
---
2mm max.
6mm max.
6mm max.
Optical
l
Emitter
3° to 10°
3° to 13°
2° to 5°
---
p
angle
Receiver
3° to 70°
3° to 70°
---
Light source
(wave length)
Red LED (“Pin-point” LED) (λ=670 nm)
Power supply voltage
12 to 24 VDC ±10%, ripple (p-p) 10% max.
24 VDC
±10%
Current consumption
12 mA max emitter/receiver
20 mA max
Current consumption
12 mA max. emitter/receiver
20 mA max.
Output
Open collector, load current: 50 mA max. at 24 VDC, residual voltage: 1 V max.,
operation mode: Light-ON or Dark-ON (separate models)
Circuit protection
(See Precautions
Section.)
Protection from reversed and
output short-circuit
Protection from reversed polarity, output short-circuit, and mutual
interference
Response time
1 ms max. each for on and off
Ambient
light
i
it
Incandes-
cent lamp
5,000 ℓxmax.
g
immunity
Sunlight
10,000 ℓxmax.
Ambient
Operating --25°Cto55°C(--13°F to 131°F)
temperature
Storage
--40°Cto70°C(--40°F to 158°F) with no icing or condensation
Ambient
h
idi
Operating 35% to 85% RH
humidity
Storage
35% to 95% RH (with no condensation)
Insulation resistance
20 MΩ min. (at 500 VDC)
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
10 to 2,000 Hz, 1.5-mm double amplitude or 300 m/s2 (approx. 30G) for 0.5 hrs each in X, Y, and Z axis
Shock resistance
1,000 m/s2 (approx. 100G) 3 times each in X, Y, and Z axis
Enclosure rating
IEC60529: IP67
Connection method
Pre-leaded (standard length: 2 m), optional 5-M cable, optional robotic cable
Weight (with packaging)
Approx. 40 g
Approx. 20 g
Materials
Case
PBT
Lens and
cover
Polycarbonate
Accessories included
Two each of M2 mounting screws, spring washers, and flat washers, and reflector (E39-R4: retroreflective
model only)


Similar Part No. - E3T-ST11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-ST11 OMRON-E3T-ST11 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST11 OMRON-E3T-ST11 Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-ST112M OMRON-E3T-ST112M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-ST112M OMRON-E3T-ST112M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
E3T-ST11M2M OMRON-E3T-ST11M2M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-ST11

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com