Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D5F-2B10 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D5F-2B10
Description  High-Precision Optical Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D5F-2B10 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D5F-2B10 Datasheet HTML 1Page - Omron Electronics LLC D5F-2B10 Datasheet HTML 2Page - Omron Electronics LLC D5F-2B10 Datasheet HTML 3Page - Omron Electronics LLC D5F-2B10 Datasheet HTML 4Page - Omron Electronics LLC D5F-2B10 Datasheet HTML 5Page - Omron Electronics LLC D5F-2B10 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D5F
D5F
3
J CHARACTERISTICS
Operating speed
1
µm/s to 50 cm/s (39 x 10–6 in to 19.68 in/s)
Max. operating frequency
60 operations/minute
Insulation resistance
100 M
Ω min. (at 500 VDC) between each terminal and ground
Dielectric strength
1,100 VAC between each terminal and ground
Repeat accuracy
1
µm max. (39 x 10–6 in)
Vibration resistance
Malfunction
10 to 500 Hz, 0.65-mm double amplitude
Shock resistance
Malfunction
300 m/s2 min. (approx. 30G min.) 984 ft/s2
Life expectancy
Mechanical
5,000,000 operations min.
y
Electrical
5,000,000 operations min.
Deflection
10
µm max. after 1,000,000 operations (390 x 10–6 in)
Temperature coefficient
±50 x 10–6/°C max.
Ambient temperature
Operating
–10
°C to 60°C (14°F to 140°F) with no icing
Ambient humidity
Operating
30% to 95%
Enclosure rating
IEC IP67
J OPERATING CHARACTERISTICS
OF max.
2.5 N (250 gf) (0.56 lbf)
RF min.
1.0 N (100 gf) (0.22 lbf)
PT max.
0.5 mm (0.22 in)
MD max.
20
µm (0.79 x 10–3 in)
TT min.
2.2 mm (0.087 in)
Engineering Data
J PERMISSIBLE OPERATING TEMPERATURE RANGE
The permissible operating temperature range varies with the current flow as follows:
100
50
40
20
40
45
60
Operating range
Operating temperature (
°C)


Similar Part No. - D5F-2B10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D5FB10 SHINDENGEN-D5FB10 Datasheet
158Kb / 1P
   SEMICONDUCTOR
D5FB20 SHINDENGEN-D5FB20 Datasheet
158Kb / 1P
   SEMICONDUCTOR
D5FB40 SHINDENGEN-D5FB40 Datasheet
158Kb / 1P
   SEMICONDUCTOR
D5FB60 SHINDENGEN-D5FB60 Datasheet
158Kb / 1P
   SEMICONDUCTOR
logo
Taiyo Yuden (U.S.A.), I...
D5FC773M0K3NC TAIYO-YUDEN-D5FC773M0K3NC Datasheet
248Kb / 2P
   FBAR/SAW Devices (SAW Duplexers)
More results

Similar Description - D5F-2B10

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USRB04 UTC-USRB04 Datasheet
146Kb / 6P
   HIGH PRECISION PRECISION LOW POWER SWITCH
logo
OPTEK Technologies
OPB870 OPTEK-OPB870_14 Datasheet
240Kb / 6P
   High Reliability Slotted Optical Switch
logo
TT Electronics.
OPB870 TTELEC-OPB870 Datasheet
617Kb / 6P
   High Reliability Slotted Optical Switch
OPB821TX TTELEC-OPB821TX Datasheet
245Kb / 3P
   High Resolution Slotted Optical Switch
OPB847TX TTELEC-OPB847TX Datasheet
221Kb / 3P
   High Resolution Slotted Optical Switch
logo
Infineon Technologies A...
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
   High Precision Hall-Effect Switch
2003-11-20
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
   High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906K INFINEON-TLE4906K Datasheet
809Kb / 17P
   High Precision Hall Effect Switch
2009-01, V 2.0
logo
List of Unclassifed Man...
ISE40-T1-22 ETC2-ISE40-T1-22 Datasheet
1Mb / 17P
   High Precision, Digital Pressure Switch
logo
Infineon Technologies A...
TLE4906H INFINEON-TLE4906H Datasheet
148Kb / 10P
   High Precision Hall-Effect Switch
Version 1.0 2003-11-20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com