Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3F1070 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B3F1070
Description  Tactile Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F1070 Datasheet(HTML) 4 Page - Omron Electronics LLC

  B3F1070 Datasheet HTML 1Page - Omron Electronics LLC B3F1070 Datasheet HTML 2Page - Omron Electronics LLC B3F1070 Datasheet HTML 3Page - Omron Electronics LLC B3F1070 Datasheet HTML 4Page - Omron Electronics LLC B3F1070 Datasheet HTML 5Page - Omron Electronics LLC B3F1070 Datasheet HTML 6Page - Omron Electronics LLC B3F1070 Datasheet HTML 7Page - Omron Electronics LLC B3F1070 Datasheet HTML 8Page - Omron Electronics LLC B3F1070 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
B3F
B3F
Dimensions (Unit: mm)
Note:
The numbers used for terminals in the following graphics are indicated in the “Bottom View” diagram below. In this
diagram, the Switch is rotated so that the terminals are on the right and left-hand sides, and the OMRON logo ap-
pears the right way up. (Except Side-operated and Radial Models)
6
× 6 mm Models
Note:
Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions. No terminal numbers are indicated on the Switches.
(Bottom View)
2
4
1
3
B3F-1060, B3F-1062, B3F-1062-G
Terminal Arrangement/
Internal Connections (Top View)
Standard, Flat Plunger Type
(without Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
Note: The height of B3F-1120, B3F-1122, and
B3F-1125 is 5
±0.2 mm.
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/
Internal Connections
(Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
Note: The height of B3F-1020, B3F-1022, B3F-1025,
and B3F-1026 is 5
±0.2 mm.
Standard, Flat Plunger Type
(with Ground Terminal, Pitch: 7.5 mm)
B3F-1110
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
B3F-1100, B3F-1102, B3F-1105
B3F-1120 (See note.), B3F-1122 (See note.)
B3F-1125 (See note.)
B3F-1102-G, B3F-1122-G (See note.)
Standard, Flat Plunger Type
(with Ground Terminal, Pitch: 6.5 mm)
B3F-1000, B3F-1002, B3F-1005, B3F-1006
B3F-1020 (See note.), B3F-1022 (See note.),
B3F-1025 (See note.), B3F-1026 (See note.)
B3F-1002-G, B3F-1022-G (See note.)
Standard, Flat Plunger Type
(without Ground Terminal)
6±0.2
4.3±0.2
3.5
3.4
3.5
dia.
4
2
3
1
0.7
0.7
0.3
6.5±0.5
7.7±0.5
(See note.)
6±0.2
4.5±0.2
6.5±0.1
4.5±0.1
Four, 1±0.1 dia.
4.3±0.2
3.5
6±0.2
6±0.2
1.5
0.7
6.5±0.5
7.7±0.5
6.5±0.1
4.5±0.1
4.1±0.1
Five, 1±0.05 dia.
4
2
3
5
1
3.5
dia.
0.7
0.7
0.3
0.3
(See note.)
4.5±0.2
3.4
0.3
0.3
5±0.2
3.5
0.7
7.5±0.5
9±0.5
6±0.2
6±0.2
4.5±0.2
1.5
3.5
dia.
0.7
0.7
Four,
1.2±0.05 dia.
1±0.05 dia.
7.5±0.1
4.5±0.1
4.1±0.1
4
2
3
5
1
3.4
6.5±0.5
7.7±0.5
0.7
0.7
4
2
3
1
4.5±0.2
3.5
dia.
4.5±0.1
3.4
0.3
(1.8)
0.5 max.
6±0.2
6.5±0.1
Four,
1±0.05 dia.
6±0.2
7±0.2
3.5


Similar Part No. - B3F1070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3F1020 ETC2-B3F1020 Datasheet
1Mb / 9P
   A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
More results

Similar Description - B3F1070

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com