Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSL2562 Datasheet(PDF) 11 Page - ams AG

Part # TSL2562
Description  LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2562 Datasheet(HTML) 11 Page - ams AG

Back Button TSL2562 Datasheet HTML 7Page - ams AG TSL2562 Datasheet HTML 8Page - ams AG TSL2562 Datasheet HTML 9Page - ams AG TSL2562 Datasheet HTML 10Page - ams AG TSL2562 Datasheet HTML 11Page - ams AG TSL2562 Datasheet HTML 12Page - ams AG TSL2562 Datasheet HTML 13Page - ams AG TSL2562 Datasheet HTML 14Page - ams AG TSL2562 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TSL2562, TSL2563
LOW-VOLTAGE
LIGHT-TO-DIGITAL CONVERTER
TAOS066N − AUGUST 2010
10
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
PRINCIPLES OF OPERATION
Analog-to-Digital Converter
The TSL256x contains two integrating analog-to-digital converters (ADC) that integrate the currents from the
channel 0 and channel 1 photodiodes. Integration of both channels occurs simultaneously, and upon completion
of the conversion cycle the conversion result is transferred to the channel 0 and channel 1 data registers,
respectively. The transfers are double buffered to ensure that invalid data is not read during the transfer. After
the transfer, the device automatically begins the next integration cycle.
Digital Interface
Interface and control of the TSL256x is accomplished through a two-wire serial interface to a set of registers
that provide access to device control functions and output data. The serial interface is compatible with System
Management Bus (SMBus) versions 1.1 and 2.0, and I2C bus Fast-Mode. The TSL256x offers three slave
addresses that are selectable via an external pin (ADDR SEL). The slave address options are shown in Table 1.
Table 1. Slave Address Selection
ADDR SEL TERMINAL LEVEL
SLAVE ADDRESS
SMB ALERT ADDRESS
GND
0101001
0001100
Float
0111001
0001100
VDD
1001001
0001100
NOTE: The Slave and SMB Alert Addresses are 7 bits. Please note the SMBus and I2C protocols on pages 9 through 12. A read/write bit should
be appended to the slave address by the master device to properly communicate with the TSL256X device.
SMBus and I2C Protocols
Each Send and Write protocol is, essentially, a series of bytes. A byte sent to the TSL256x with the most
significant bit (MSB) equal to 1 will be interpreted as a COMMAND byte. The lower four bits of the COMMAND
byte form the register select address (see Table 2), which is used to select the destination for the subsequent
byte(s) received. The TSL256x responds to any Receive Byte requests with the contents of the register
specified by the stored register select address.
The TSL256X implements the following protocols of the SMB 2.0 specification:
D Send Byte Protocol
D Receive Byte Protocol
D Write Byte Protocol
D Write Word Protocol
D Read Word Protocol
D Block Write Protocol
D Block Read Protocol
The TSL256X implements the following protocols of the Philips Semiconductor I2C specification:
D I2C Write Protocol
D I2C Read (Combined Format) Protocol


Similar Part No. - TSL2562

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
TSL2562CS TAOS-TSL2562CS Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
TSL2562T TAOS-TSL2562T Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
More results

Similar Description - TSL2562

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
   Light-to-Digital Converter
2016-Apr-12
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
   LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
   LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
   LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2580 TAOS-TSL2580 Datasheet
354Kb / 34P
   LIGHT-TO-DIGITAL CONVERTER
TSL2581 TAOS-TSL2581 Datasheet
272Kb / 32P
   LIGHT-TO-DIGITAL CONVERTER
TSL2568 TAOS-TSL2568 Datasheet
395Kb / 36P
   LIGHT-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com