Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C512C1-10CI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C512C1-10CI
Description  2-wire Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C512C1-10CI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C512C1-10CI Datasheet HTML 1Page - ATMEL Corporation AT24C512C1-10CI Datasheet HTML 2Page - ATMEL Corporation AT24C512C1-10CI Datasheet HTML 3Page - ATMEL Corporation AT24C512C1-10CI Datasheet HTML 4Page - ATMEL Corporation AT24C512C1-10CI Datasheet HTML 5Page - ATMEL Corporation AT24C512C1-10CI Datasheet HTML 6Page - ATMEL Corporation AT24C512C1-10CI Datasheet HTML 7Page - ATMEL Corporation AT24C512C1-10CI Datasheet HTML 8Page - ATMEL Corporation AT24C512C1-10CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AT24C512
2
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive
edge clock data into each EEPROM device and negative
edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for
serial data transfer. This pin is open-drain driven and may
be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/PAGE ADDRESSES (A1, A0): The A1 and A0
pins are device address inputs that are hardwired or left not
connected for hardware compatibility with AT24C128/256.
When the pins are hardwired, as many as four 512K
devices may be addressed on a single bus system (device
addressing is discussed in detail under the Device
Addressing section). When the pins are not hardwired, the
default A1 and A0 are zero.
WRITE PROTECT (WP): The write protect input, when tied
to GND, allows normal write operations. When WP is tied
high to V
CC, all write operations to the memory are inhib-
ited. If left unconnected, WP is internally pulled down to
GND. Switching WP to V
CC prior to a write operation cre-
ates a software write protect function.
Memory Organization
AT24C512, 512K SERIAL EEPROM: The 512K is inter-
nally organized as 512 pages of 128-bytes each. Random
word addressing requires a 16-bit data word address.
Absolute Maximum Ratings*
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA


Similar Part No. - AT24C512C1-10CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C512C1-10CU-1.8 ATMEL-AT24C512C1-10CU-1.8 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
AT24C512C1-10CU-2.7 ATMEL-AT24C512C1-10CU-2.7 Datasheet
503Kb / 22P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C512C1-10CI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
   2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com