Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26LS31MJ-QMLV Datasheet(PDF) 5 Page - Texas Instruments

Part # DS26LS31MJ-QMLV
Description  DS26LS31MQML Quad High Speed Differential Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26LS31MJ-QMLV Datasheet(HTML) 5 Page - Texas Instruments

  DS26LS31MJ-QMLV Datasheet HTML 1Page - Texas Instruments DS26LS31MJ-QMLV Datasheet HTML 2Page - Texas Instruments DS26LS31MJ-QMLV Datasheet HTML 3Page - Texas Instruments DS26LS31MJ-QMLV Datasheet HTML 4Page - Texas Instruments DS26LS31MJ-QMLV Datasheet HTML 5Page - Texas Instruments DS26LS31MJ-QMLV Datasheet HTML 6Page - Texas Instruments DS26LS31MJ-QMLV Datasheet HTML 7Page - Texas Instruments DS26LS31MJ-QMLV Datasheet HTML 8Page - Texas Instruments DS26LS31MJ-QMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS26LS31MQML
www.ti.com
SNOSAM5B – AUGUST 2005 – REVISED APRIL 2013
DS26LS31M - 883 Electrical Characteristics DC Parameters (continued)
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
VOL
Logical "0" Output Voltage
VCC = 4.5V, IOL = 20mA
See(2)
.5
V
1, 2, 3
IIH
Logical "1" Input Current
VCC = 5.5V, VIN = 2.7V
See(2)
20
uA
1, 2, 3
IIL
Logical "0" Input Current
VCC = 5.5V, VIN = .4V
See(2)
-200
uA
1, 2, 3
II
Input Reverse Current
VCC = 5.5V, VIN = 7V
See(2)
.1
mA
1, 2, 3
VCC = 5.5V, VO = .5V
See(2)
-20
uA
1, 2, 3
IO
TRI-STATE Output Current
VCC = 5.5V, VO = 2.5V
See(2)
20
uA
1, 2, 3
VIC
Input Clamp Voltage
VCC = 4.5V, IIN = -18mA
See(2)
-1.5
V
1, 2, 3
IOS (min)
Output Short Circuit Current
VCC = 5.5V
See(2)
-30
mA
1, 2, 3
IOS (max)
Output Short Circuit Current
VCC = 5.5V
See(2)
-150
mA
1, 2, 3
VCC = 5.5V, All Outputs Disabled or
ICC
Power Supply Current
See(2)
60
mA
1, 2, 3
Active
DS26LS31M - 883 Electrical Characteristics AC Parameters - Propagation Delay Time
The following conditions apply, unless otherwise specified. VCC = 5V, CL = 50pF or equivalent impedance provided by diode
load.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Unit
groups
15
ns
9
See(1) and
tPLH
Input to Output
(2)
30
ns
10, 11.
15
ns
9
See(1) and
tPHL
Input to Output
(2)
30
ns
10, 11.
6
ns
9
See(1) and
tSkew
Output to Output
(2)
9
ns
10, 11.
35
ns
9
See(1) and
S2 Open, Enable
(2)
53
ns
10, 11.
tPLZ
Enable to Output
35
ns
9
See(1) and
S2 Open, /Enable
(2)
53
ns
10, 11.
25
ns
9
See(1) and
S1 Open, Enable
(2)
45
ns
10, 11.
tPHZ
Enable to Output
25
ns
9
See(1) and
S1 Open, /Enable
(2)
45
ns
10, 11.
30
ns
9
See(1) and
S2 Open, Enable
(2)
68
ns
10, 11.
tPZL
Enable to Output
30
ns
9
See(1) and
S2 Open, /Enable
(2)
68
ns
10, 11.
30
ns
9
See(1) and
S1 Open, Enable
(2)
60
ns
10, 11.
tPZH
Enable to Output
30
ns
9
See(1) and
S1 Open, /Enable
(2)
60
ns
10, 11.
(1)
Subgroups 1, 2 and 9, 10: Power dissipation must be externally controlled at elevated temperatures.
(2)
Subgroup 10 and 11 specified but not tested.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS26LS31MQML


Similar Part No. - DS26LS31MJ-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS31MJ NSC-DS26LS31MJ Datasheet
163Kb / 9P
   QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
DS26LS31MJ/883 NSC-DS26LS31MJ/883 Datasheet
226Kb / 8P
   Quad High Speed Differential Line Driver
DS26LS31MJ883 NSC-DS26LS31MJ883 Datasheet
163Kb / 9P
   QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
More results

Similar Description - DS26LS31MJ-QMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
[Old version datasheet]   DS26LS31MQML Quad High Speed Differential Line Driver
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
   Quad High Speed Differential Line Driver
MNDS26LS31M-X NSC-MNDS26LS31M-X Datasheet
163Kb / 9P
   QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS26LS31CMX TI-DS26LS31CMX Datasheet
885Kb / 13P
[Old version datasheet]   DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
DS26LS31C TI1-DS26LS31C_15 Datasheet
905Kb / 13P
[Old version datasheet]   DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com