Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C01A-10TC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C01A-10TC
Description  2-Wire Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01A-10TC Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C01A-10TC Datasheet HTML 1Page - ATMEL Corporation AT24C01A-10TC Datasheet HTML 2Page - ATMEL Corporation AT24C01A-10TC Datasheet HTML 3Page - ATMEL Corporation AT24C01A-10TC Datasheet HTML 4Page - ATMEL Corporation AT24C01A-10TC Datasheet HTML 5Page - ATMEL Corporation AT24C01A-10TC Datasheet HTML 6Page - ATMEL Corporation AT24C01A-10TC Datasheet HTML 7Page - ATMEL Corporation AT24C01A-10TC Datasheet HTML 8Page - ATMEL Corporation AT24C01A-10TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
AT24C01A/02/04/08A/16A
0180V–SEEPR–8/05
Note:
1. This parameter is characterized and is not 100% tested.
Note:
1. V
IL min and VIH max are reference only and are not tested.
Table 3. Pin Capacitance(1)
Applicable over recommended operating range from T
A = 25°C, f = 1.0 MHz, VCC = +1.8V
Symbol
Test Condition
Max
Units
Conditions
C
I/O
Input/Output Capacitance (SDA)
8
pF
V
I/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
Table 4. DC Characteristics
Applicable over recommended operating range from: T
AI = 40°C to +85°C, VCC = +1.8V to +5.5V, VCC = +1.8V to +5.5V
(unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC1
Supply Voltage
1.8
5.5
V
VCC2
Supply Voltage
2.7
5.5
V
V
CC3
Supply Voltage
4.5
5.5
V
ICC
Supply Current VCC = 5.0V
READ at 100 kHz
0.4
1.0
mA
ICC
Supply Current VCC = 5.0V
WRITE at 100 kHz
2.0
3.0
mA
I
SB1
Standby Current V
CC = 1.8V
V
IN = VCC or VSS
0.6
3.0
µA
ISB2
Standby Current VCC = 2.5V
VIN = VCC or VSS
1.4
4.0
µA
ISB3
Standby Current VCC = 2.7V
VIN = VCC or VSS
1.6
4.0
µA
I
SB4
Standby Current V
CC = 5.0V
V
IN = VCC or VSS
8.0
18.0
µA
ILI
Input Leakage Current
VIN = VCC or VSS
0.10
3.0
µA
I
LO
Output Leakage Current
V
OUT = VCC or VSS
0.05
3.0
µA
V
IL
Input Low Level(1)
–0.6
V
CC x 0.3
V
VIH
Input High Level(1)
VCC x 0.7
VCC + 0.5
V
V
OL2
Output Low Level V
CC = 3.0V
I
OL = 2.1 mA
0.4
V
V
OL1
Output Low Level V
CC = 1.8V
I
OL = 0.15 mA
0.2
V


Similar Part No. - AT24C01A-10TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A-10TQ-2.7 ATMEL-AT24C01A-10TQ-2.7 Datasheet
257Kb / 20P
   Standard-voltage Operation
AT24C01A-10TSU-1.8 ATMEL-AT24C01A-10TSU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C01A-10TU-1.8 ATMEL-AT24C01A-10TU-1.8 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
AT24C01A-10TU-2.7 ATMEL-AT24C01A-10TU-2.7 Datasheet
617Kb / 26P
   Two-wire Serial EEPROM
More results

Similar Description - AT24C01A-10TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
   2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
   2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
   2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
   2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
   2-WIRE SERIAL EEPROM
logo
ATMEL Corporation
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
   2-wire Serial EEPROM
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
   2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
   2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
   2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com