Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MURS120T3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MURS120T3
Description  ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MURS120T3 Datasheet(HTML) 3 Page - Motorola, Inc

  MURS120T3 Datasheet HTML 1Page - Motorola, Inc MURS120T3 Datasheet HTML 2Page - Motorola, Inc MURS120T3 Datasheet HTML 3Page - Motorola, Inc MURS120T3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURS120T3 MURS160T3
3
Rectifier Device Data
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.9
0.5
1.3
3.0
0.01
0.03
0.02
0.2
0.1
10
2.0
0.7
1.1
0.3
0.05
0.5
5.0
1.5
2.3
VR, REVERSE VOLTAGE (VOLTS)
0
100
300
400
40
80
0.008
0.004
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
200
700
Figure 7. Typical Reverse Current*
TC, CASE TEMPERATURE (°C)
020
1.0
2.0
3.0
4.0
5.0
0
6.0
7.0
8.0
9.0
10
40
60
80
100
120
140
160
180
200
VR, REVERSE VOLTAGE (VOLTS)
012
8.0
0
5.0
10
25
15
4.0
40
Figure 8. Typical Capacitance
Figure 9. Current Derating, Case
0
0.5
1.0
2.0
3.0
4.0
5.0
0
1.0
1.5
2.0
2.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 10. Power Dissipation
0.7
0.07
1.0
7.0
1.7
1.9
2.1
100
°C
TC = 25°C
175
°C
600
500
0.08
0.04
0.02
TJ = 100°C
TJ = 25°C
24
20
16
36
32
28
20
NOTE: TYPICAL
CAPACITANCE AT
0 V = 24 pF
* The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if applied VR is sufficiently
below rated VR.
RATED VOLTAGE APPLIED
RqJC = 13°C/W
TJ = 175°C
SQUARE WAVE
dc
TJ = 175°C
dc
SQUARE WAVE
10
5.0
400
200
(CAPACITANCE LOAD)
I
PK
I
AV
+ 20


Similar Part No. - MURS120T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS120T3 ONSEMI-MURS120T3 Datasheet
80Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
December, 2004 ??Rev. 7
MURS120T3 ONSEMI-MURS120T3 Datasheet
60Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
MURS120T3 ONSEMI-MURS120T3 Datasheet
114Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
July, 2010 ??Rev. 9
MURS120T3G ONSEMI-MURS120T3G Datasheet
80Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
December, 2004 ??Rev. 7
MURS120T3G ONSEMI-MURS120T3G Datasheet
60Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
More results

Similar Description - MURS120T3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
logo
Rectron Semiconductor
MUR120 RECTRON-MUR120 Datasheet
190Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
MURS120A RECTRON-MURS120A Datasheet
306Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
MURS120 RECTRON-MURS120 Datasheet
297Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 1.0 Ampere
logo
Motorola, Inc
MUR190E MOTOROLA-MUR190E Datasheet
123Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 900-1000 VOLTS
logo
ON Semiconductor
MURS120T3 ONSEMI-MURS120T3_06 Datasheet
60Kb / 5P
   ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
July, 2006 ??Rev. 8
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
MURS320T3 MOTOROLA-MURS320T3 Datasheet
107Kb / 4P
   ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
logo
GOOD-ARK Electronics
MUR140 GOOD-ARK-MUR140 Datasheet
129Kb / 2P
   Ultrafast Plastic Rectifiers Reverse Voltage 400 to 600 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com