Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT812RTBI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT812RTBI-GT3
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT812RTBI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT812RTBI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT812RTBI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT812RTBI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT812RTBI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT812RTBI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT812RTBI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT812RTBI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT812RTBI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT812RTBI-GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CAT811, CAT812
http://onsemi.com
2
Table 1. THRESHOLD SUFFIX SELECTOR DESCRIPTION
Nominal Threshold Voltage
Threshold Suffix Designation
4.63 V
L
4.38 V
M
4.00 V
J
3.08 V
T
2.93 V
S
2.63 V
R
2.32 V
Z
Table 2. PIN DESCRIPTION
Pin Number
Pin Name
Description
CAT811
CAT812
1
1
GND
Ground.
2
RESET
Active LOW reset. RESET is asserted if VCC falls below the reset threshold and re-
mains low for at least 140 ms after VCC rises above the reset threshold.
2
RESET
Active HIGH reset. RESET is asserted if VCC falls below the reset threshold and re-
mains high for at least 140 ms after VCC rises above the reset threshold.
3
3
MR
Manual Reset Input. A logic LOW on MR asserts RESET. RESET remains active as
long as MR is LOW and for 140 ms after MR returns HIGH. The active low input has
an internal 20 kW pull−up resistor. The input should be left open if not used.
4
4
VCC
Power supply voltage that is monitored.
Figure 1. Block Diagrams
CAT812
RESET
+
RESET
&
DIGITAL
DELAY
TOLERANCE
BIAS
VOLTAGE
REFERENCE
GND
CAT811
+
RESET
&
DIGITAL
DELAY
TOLERANCE
BIAS
VOLTAGE
REFERENCE
GND
VCC
VCC
VCC
RESET
VCC
VCC
VCC
MR
MR


Similar Part No. - CAT812RTBI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT812RTBI-GT3 CATALYST-CAT812RTBI-GT3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT812RTBI-GT3 ONSEMI-CAT812RTBI-GT3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT812RTBI-GT3 ONSEMI-CAT812RTBI-GT3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Similar Description - CAT812RTBI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com