Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24CS128 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24CS128
Description  2-Wire Serial EEPROMs with Permanent Software Write Protect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS128 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24CS128 Datasheet HTML 1Page - ATMEL Corporation AT24CS128 Datasheet HTML 2Page - ATMEL Corporation AT24CS128 Datasheet HTML 3Page - ATMEL Corporation AT24CS128 Datasheet HTML 4Page - ATMEL Corporation AT24CS128 Datasheet HTML 5Page - ATMEL Corporation AT24CS128 Datasheet HTML 6Page - ATMEL Corporation AT24CS128 Datasheet HTML 7Page - ATMEL Corporation AT24CS128 Datasheet HTML 8Page - ATMEL Corporation AT24CS128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AT24CS128/256
2
Absolute Maximum Ratings*
Block Diagram
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive
edge clock data into each EEPROM device and negative
edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for
serial data transfer. This pin is open-drain driven and may
be wire-ORed with any number of other open-drain or open
collector devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A1 and
A0 pins are device address inputs that are hardwired or left
not connected for hardware compatibility with AT24C32/64.
When the pins are hardwired, as many as four 128K/256K
devices may be addressed on a single bus system (device
addressing is discussed in detail under the Device
Addressing section). When the pins are not hardwired, the
default A
1 and A0 are zero. The A2 device address input is
a “don’t care” input.
WRITE PROTECT (WP): The write protect input, when tied
to GND, allows normal write operations. When WP is tied
high to V
CC, all write operations to the memory are inhib-
ited. If left unconnected, WP is internally pulled down to
GND. Switching WP to V
CC prior to a write operation cre-
ates a software write protect function.
Memory Organization
AT24CS128/256, 128K/256K SERIAL EEPROM: The
128K/256K is internally organized as 256/512 pages of 64-
bytes each. Random word addressing requires a 14/15-bit
data word address.
Operating Temperature .................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground .....................................-1.0V to +7.0V
Maximum Operating Voltage........................................... 6.25V
DC Output Current........................................................ 5.0 mA
A2


Similar Part No. - AT24CS128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
   Factory Programmed 128-bit Serial Number
More results

Similar Description - AT24CS128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
   Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
   2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com